Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4962 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TS4962
Description  2.8W filter-free mono class D audio power amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TS4962 Datasheet HTML 17Page - STMicroelectronics TS4962 Datasheet HTML 18Page - STMicroelectronics TS4962 Datasheet HTML 19Page - STMicroelectronics TS4962 Datasheet HTML 20Page - STMicroelectronics TS4962 Datasheet HTML 21Page - STMicroelectronics TS4962 Datasheet HTML 22Page - STMicroelectronics TS4962 Datasheet HTML 23Page - STMicroelectronics TS4962 Datasheet HTML 24Page - STMicroelectronics TS4962 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
TS4962
Electrical characteristics
21/46
3.2
Electrical characteristics curves
The graphs shown in this section use the following abbreviations:
●
RL + 15μH or 30μH = pure resistor+ very low series resistance inductor
●
Filter = LC output filter (1µF+30µH for 4
Ω and 0.5µF+60µH for 8Ω)
All measurements are done with CS1=1µF and CS2=100nF (see Figure 2), except for the
PSRR where CS1 is removed (see Figure 3).
Figure 2.
Schematic used for test measurements
Figure 3.
Schematic used for PSSR measurements
In+
In-
Rin
150k
Rin
150k
Cin
Cin
GND
Vcc
+
Cs1
1uF
GND
Cs2
100nF
GND
RL
4 or 8 Ohms
15uH or 30uH
or
LC Filter
5th order
50kHz low pass
filter
Audio Measurement
Bandwidth < 30kHz
Out+
Out-
TS4962
In+
In-
Rin
150k
Rin
150k
4.7uF
4.7uF
GND
Cs2
100nF
GND
RL
4 or 8 Ohms
15uH or 30uH
or
LC Filter
5th order
50kHz low pass
filter
RMS Selective Measurement
Bandwidth=1% of Fmeas
Out+
Out-
TS4962
GND
5th order
50kHz low pass
filter
Reference
20Hz to 20kHz
Vcc
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com