Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLM75M2F Datasheet(PDF) 11 Page - STMicroelectronics

Part # STLM75M2F
Description  Digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLM75M2F Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STLM75M2F Datasheet HTML 7Page - STMicroelectronics STLM75M2F Datasheet HTML 8Page - STMicroelectronics STLM75M2F Datasheet HTML 9Page - STMicroelectronics STLM75M2F Datasheet HTML 10Page - STMicroelectronics STLM75M2F Datasheet HTML 11Page - STMicroelectronics STLM75M2F Datasheet HTML 12Page - STMicroelectronics STLM75M2F Datasheet HTML 13Page - STMicroelectronics STLM75M2F Datasheet HTML 14Page - STMicroelectronics STLM75M2F Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
STLM75
Operation
11/37
2.1
Applications information
STLM75 digital temperature sensors are optimal for thermal management and thermal
protection applications. They require no external components for operations except for pull-
up resistors on SCL, SDA, and OS/INT outputs. A 0.1 µF bypass capacitor on VDD is
recommended. The sensing device of STLM75 is the chip itself. The typical interface
connection for this type of digital sensor is shown in Figure 4 on page 11.
Intended applications include:
System thermal management
Computers/disk drivers
Electronics/test equipment
Power supply modules
Consumer products
Battery management
Fax/printers management
Automotive
Figure 4.
Typical 2-wire interface connections diagram
1.
SDA and OS/INT are open drain.
AI12200
Pull-up
VDD
O.S./INT
(1)
VDD
VDD
Master
Device
0.1
μF
STLM75
SCL
GND
SDA
(1)
Pull-up
VDD
10k
Ω
10k
Ω
10k
Ω
A0
A1
A2
I
2
C Address = 1001000 (1001A2A1A0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com