Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC251 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC251
Description  8-CHANNEL MULTIPLEXER (3-STATE)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC251 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC251 Datasheet HTML 1Page - STMicroelectronics M74HC251 Datasheet HTML 2Page - STMicroelectronics M74HC251 Datasheet HTML 3Page - STMicroelectronics M74HC251 Datasheet HTML 4Page - STMicroelectronics M74HC251 Datasheet HTML 5Page - STMicroelectronics M74HC251 Datasheet HTML 6Page - STMicroelectronics M74HC251 Datasheet HTML 7Page - STMicroelectronics M74HC251 Datasheet HTML 8Page - STMicroelectronics M74HC251 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
July 2001
s
HIGH SPEED :
tPD = 17 ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 251
DESCRIPTION
The
M74HC251
is
an
high
speed
CMOS
8-CHANNEL
MULTIPLEXER
(3-STATE)
fabricated with silicon gate C2MOS technology.
This Multiplexer features both true (Y) and
complement (W) outputs as well as STROBE
input. When the STROBE is high, both outputs are
in the high impedance state. When enabled,
address information on the data select inputs
determines which data input is routed to Y and W.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC251
8-CHANNEL MULTIPLEXER (3-STATE)
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC251B1R
SOP
M74HC251M1R
M74HC251RM13TR
TSSOP
M74HC251TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC251

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC251 STMICROELECTRONICS-M74HC251 Datasheet
249Kb / 11P
8 BIT SIPO SHIFT REGISTER
Feb-1993
M74HC251B1R STMICROELECTRONICS-M74HC251B1R Datasheet
249Kb / 11P
8 BIT SIPO SHIFT REGISTER
Feb-1993
M74HC251C1R STMICROELECTRONICS-M74HC251C1R Datasheet
249Kb / 11P
8 BIT SIPO SHIFT REGISTER
Feb-1993
M74HC251M1R STMICROELECTRONICS-M74HC251M1R Datasheet
249Kb / 11P
8 BIT SIPO SHIFT REGISTER
Feb-1993
More results

Similar Description - M74HC251

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS251 PHILIPS-74ALS251 Datasheet
103Kb / 8P
8-input multiplexer 3-State
1991 Feb 08
74HC251 PHILIPS-74HC251 Datasheet
53Kb / 7P
8-input multiplexer; 3-state
December 1990
74LV251 PHILIPS-74LV251 Datasheet
116Kb / 12P
8-input multiplexer 3-State
1998 May 20
logo
STMicroelectronics
M54HC354 STMICROELECTRONICS-M54HC354 Datasheet
264Kb / 12P
8 CHANNEL MULTIPLEXER/REGISTER 3 STATE
Apr-1993
logo
Fairchild Semiconductor
MM74HC251 FAIRCHILD-MM74HC251 Datasheet
74Kb / 7P
8-Channel 3-STATE Multiplexer
logo
Toshiba Semiconductor
TC74HC251AP TOSHIBA-TC74HC251AP Datasheet
264Kb / 6P
8 CHANNEL MULTIPLEXER (3 STATE)
TC74HC251AP TOSHIBA-TC74HC251AP_07 Datasheet
309Kb / 9P
8-Channel Multiplexer (3-state)
logo
STMicroelectronics
M54HC251 STMICROELECTRONICS-M54HC251_04 Datasheet
257Kb / 10P
RAD-HARD 8-CHANNEL MULTIPLEXER (3-STATE)
Apr-2004
logo
Nexperia B.V. All right...
74HC251-Q100 NEXPERIA-74HC251-Q100 Datasheet
268Kb / 17P
8-input multiplexer; 3-state
74HCT251 NEXPERIA-74HCT251 Datasheet
263Kb / 16P
8-input multiplexer; 3-state
Rev. 6 - 8 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com