Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T620W Datasheet(PDF) 3 Page - STMicroelectronics

Part # T620W
Description  6A SNUBBERLESTM TRIAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T620W Datasheet(HTML) 3 Page - STMicroelectronics

  T620W_04 Datasheet HTML 1Page - STMicroelectronics T620W_04 Datasheet HTML 2Page - STMicroelectronics T620W_04 Datasheet HTML 3Page - STMicroelectronics T620W_04 Datasheet HTML 4Page - STMicroelectronics T620W_04 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
T820W / T830W
3/5
T
6
xx
-
x00
W
TRIAC SERIES
CURRENT: 6A
SENSITIVITY:
20: 20mA
30: 30mA
VOLTAGE:
600: 600V
800: 800V
PACKAGE:
W: ISOWATT220AB
ORDERING INFORMATION
Part Number
Marking
Weight
Base quantity
Packing mode
T620-600W
T620600W
2.3 g
50
Tube
T620-800W
T620800W
2.3 g
50
Tube
T630-600W
T630600W
2.3 g
50
Tube
T630-800W
T630800W
2.3 g
50
Tube
OTHER INFORMATION
0
1
2
3
4
5
6
7
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
IT(RMS)(A)
α=180°
P(W)
180°
α
α
Fig. 1: Maximum power dissipation versus RMS
on-state current.
0
1
2
3
4
5
6
7
0
25
50
75
100
125
Tc(°C)
α=180°
IT(RMS)(A)
Fig. 2: RMS on-state current versus case tem-
perature.
1.E-03
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
tp(s)
Zth(j-a)
Zth(j-c)
K=[Zth/Rth]
Fig. 3: Relative variation of thermal impedance
versus pulse duration.
1
10
100
01
234
56
VTM(V)
Tj=25°C
Tj=125°C
Tj max. :
Vto = 0.85 V
Rd = 50 m
Ω
ITM(A)
Fig. 4: On-state characteristics (maximum val-
ues).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com