Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T620W Datasheet(PDF) 1 Page - STMicroelectronics

Part # T620W
Description  6A SNUBBERLESTM TRIAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T620W Datasheet(HTML) 1 Page - STMicroelectronics

  T620W Datasheet HTML 1Page - STMicroelectronics T620W Datasheet HTML 2Page - STMicroelectronics T620W Datasheet HTML 3Page - STMicroelectronics T620W Datasheet HTML 4Page - STMicroelectronics T620W Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
T620W
T630W
®
March 2004 - Ed: 2
6A SNUBBERLESS™ TRIAC
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (Full sine wave)
Tc= 105°C
6
A
ITSM
Non repetitive surge peak on-state
current (Full cycle, Tj initial = 25°C )
F = 50Hz
t = 20ms
80
A
F = 60Hz
t = 16.7ms
84
I
2tI2t Value for fusing
tp = 10 ms
36
A
2s
dI/dt
Critical rate of rise of on-state current
IG =2xIGT,tr
≤ 100ns
F = 120 Hz
Tj = 125°C
50
A/
µs
VDSM/VRSM
Non repetitive surge peak off-state
voltage
tp = 10ms
Tj = 25°C
VDRM/VRRM
+ 100
V
IGM
Peak gate current
tp = 20µs
Tj = 125°C
4
A
PG(AV)
Average gate power dissipation
Tj = 125°C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
-40to+150
-40to+125
°C
ABSOLUTE RATINGS (limiting values)
Symbol
Value
Unit
IT(RMS)
6A
VDRM/VRRM
600 and 800
V
IGT
20 to 30
mA
MAIN FEATURES
ISOWATT220AB
(Plastic)
A1
A2
G
G
A2
A1
Based on ST’ Snubberless technology providing high
commutation performances, the T620-600W/800W &
T630-600W/800W are specially recommended for
use on inductive loads, thanks to their high commuta-
tion performances, such as rice cookers. They comply
with UL standards (ref. E81734).
DESCRIPTION


Similar Part No. - T620W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T620W STMICROELECTRONICS-T620W Datasheet
62Kb / 5P
SNUBBERLESS TRIAC
Apr-1995
More results

Similar Description - T620W

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
T6A6CI KEC-T6A6CI Datasheet
91Kb / 3P
Bi-Directional Triode Thyristor 6A Mold TRIAC
logo
Sharp Corporation
PR26MF21NSZ SHARP-PR26MF21NSZ Datasheet
266Kb / 15P
IT(rms)??.6A, Zero Cross type DIP 8pin Triac output SSR
logo
SemiHow Co.,Ltd.
HTX6-600 SEMIHOW-HTX6-600 Datasheet
345Kb / 6P
600V 6A TRIAC
logo
Hi-Sincerity Mocroelect...
HST06 HSMC-HST06 Datasheet
129Kb / 4P
TRIAC 600V,6A
logo
Renesas Technology Corp
BCR6CM-12LB RENESAS-BCR6CM-12LB Datasheet
123Kb / 8P
600V - 6A - Triac Medium Power Use
BCR6CM-12RA RENESAS-BCR6CM-12RA_15 Datasheet
89Kb / 7P
600V - 6A - Triac Medium Power Use
BCR6CM-12LB RENESAS-BCR6CM-12LB_15 Datasheet
123Kb / 8P
600V - 6A - Triac Medium Power Use
logo
DONGGUAN YOU FENG WEI E...
BTA06A YFWDIODE-BTA06A Datasheet
786Kb / 4P
6A Four-quadrant triac
BTA06F YFWDIODE-BTA06F Datasheet
786Kb / 4P
6A Four-quadrant triac
logo
Renesas Technology Corp
BCR6CM-12RA RENESAS-BCR6CM-12RA Datasheet
477Kb / 8P
600V - 6A - Triac Medium Power Use
Feb. 1, 2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com