Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7407 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7407
Description  Advanced car signal processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7407_07 Datasheet HTML 5Page - STMicroelectronics TDA7407_07 Datasheet HTML 6Page - STMicroelectronics TDA7407_07 Datasheet HTML 7Page - STMicroelectronics TDA7407_07 Datasheet HTML 8Page - STMicroelectronics TDA7407_07 Datasheet HTML 9Page - STMicroelectronics TDA7407_07 Datasheet HTML 10Page - STMicroelectronics TDA7407_07 Datasheet HTML 11Page - STMicroelectronics TDA7407_07 Datasheet HTML 12Page - STMicroelectronics TDA7407_07 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
TDA7407
Block diagram and pin connections
9/46
Pin type legend: I = Input ; O = Output; I/O = Input/Output; S = Supply; nc = not connected
Table 2.
Absolute maximum ratings
Table 3.
Supply
Table 4.
Thermal data
1.1
ESD
All pins are protected against ESD according to the MIL883 standard.
36
nc
-
37
ACINLR
Pre-speaker input left rear channel
I
38
ACINRR
Pre-speaker input right rear channel
I
39
ACINRF
Pre-speaker input right front channel
I
40
ACINLF
Pre-speaker input left front channel
I
41
VREF
Reference voltage output
O
42
CREF
Reference capacitor pin
S
43
TAPEL
Tape input left
I
44
TAPER
Tape input right
I
Symbol
Parameter
Value
Unit
VS
Operating supply voltage
10.5
V
Tamb
Operating ambient temperature range
-40 to 85
°C
Tstg
Operating storage temperature range
-55 to 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply voltage
7.5
9
10
V
IS
Supply current
VS = 9V
30
35
40
mA
SVRR
Ripple rejection @ 1KHz
Audioprocessor (all filters flat)
50
60
dB
Stereo decoder + audioprocessor
45
55
dB
Symbol
Parameter
Value
Unit
Rth-j pins Thermal resistance junction to pins (max)
85
°C/W
Table 1.
Pin Description (continued)
N.
Name
Function
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com