Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7430TR Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7430TR
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7430TR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7430TR Datasheet HTML 10Page - STMicroelectronics TDA7430TR Datasheet HTML 11Page - STMicroelectronics TDA7430TR Datasheet HTML 12Page - STMicroelectronics TDA7430TR Datasheet HTML 13Page - STMicroelectronics TDA7430TR Datasheet HTML 14Page - STMicroelectronics TDA7430TR Datasheet HTML 15Page - STMicroelectronics TDA7430TR Datasheet HTML 16Page - STMicroelectronics TDA7430TR Datasheet HTML 17Page - STMicroelectronics TDA7430TR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
TDA7430 - TDA7431
14/23
Table 11. BASS SELECTION
Table 12. SPEAKER/AUX ATT. R & L SELECTION
X = INDIFFERENT 0,1
SPEAKER/AUX ATTENUATION = 0dB ~ -79dB
MSB
LSB
BASS
D7
D6
D5
D4
D3
D2
D1
D0
2 dB STEPS
00
00
-14
00
01
-12
00
10
-10
00
11
-8
01
00
-6
01
01
-4
01
10
-2
01
11
0
11
11
0
11
10
2
11
01
4
11
00
6
10
11
8
10
10
10
10
01
12
10
00
14
NATURAL BASE
0
NBRIN, NBRO, NBLIN,
NBLO PIN ACTIVE
1
NO NBRIN, NBRO, NBLIN,
NBLO PIN
MSB
LSB
SPEAKER/AUX ATT
D7
D6
D5
D4
D3
D2
D1
D0
1 dB STEPS
00
0
0
00
1
-1
01
0
-2
01
1
-3
10
0
-4
10
1
-5
11
0
-6
11
1
-7
8 dB STEPS
0
000
0
0
001
-8
0
010
-16
0
011
-24
0
100
-32
0
101
-40
0
110
-48
0
111
-56
1
000
-64
1
001
-72
MUTE
10
1
X
11
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com