Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STCC08RL Datasheet(PDF) 10 Page - STMicroelectronics

Part # STCC08RL
Description  AC switch failure mode detector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC08RL Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STCC08RL Datasheet HTML 5Page - STMicroelectronics STCC08RL Datasheet HTML 6Page - STMicroelectronics STCC08RL Datasheet HTML 7Page - STMicroelectronics STCC08RL Datasheet HTML 8Page - STMicroelectronics STCC08RL Datasheet HTML 9Page - STMicroelectronics STCC08RL Datasheet HTML 10Page - STMicroelectronics STCC08RL Datasheet HTML 11Page - STMicroelectronics STCC08RL Datasheet HTML 12Page - STMicroelectronics STCC08RL Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Application information
STCC08
10/13
STCC08 ZVS application
Figure 9.
ZVS application schematic
The gate driver drives an ACS while the failure detector is used independently for ZVS
detection
Table 9.
STCC08 status truth table with RSHUNT removed
IN (MCU generated)
AVF
MCU DIAGNOSTIC
0
Open collector
AC switch OK
0
Open collector to 0 toggle
Diode mode
0
0
Short circuit or open lead
10
AC switch OK
1
Open collector
Open AC switch
V
CC
AC
G
POWER SWITCH
SIGNAL SHAPING
AVF DRIVER
GATE DRIVER
+
-
MCU
3.3V to 5V
V
CC
V
CC
ZVS
NEUTRAL
R
AC
LINE
ACS
GND
IN
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com