Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7449 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7449
Description  TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7449 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7449 Datasheet HTML 7Page - STMicroelectronics TDA7449 Datasheet HTML 8Page - STMicroelectronics TDA7449 Datasheet HTML 9Page - STMicroelectronics TDA7449 Datasheet HTML 10Page - STMicroelectronics TDA7449 Datasheet HTML 11Page - STMicroelectronics TDA7449 Datasheet HTML 12Page - STMicroelectronics TDA7449 Datasheet HTML 13Page - STMicroelectronics TDA7449 Datasheet HTML 14Page - STMicroelectronics TDA7449 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11/19
TDA7449
Table 8. INPUT SELECTION
Table 9. INPUT GAIN SELECTION
GAIN = 0 to 30dB
MSB
LSB
INPUT MULTIPLEXER
D7
D6
D5
D4
D3
D2
D1
D0
XXXXXX
0
0
NOT ALLOWED
XXXXXX
0
1
NOT ALLOWED
XXXXXX
1
0
IN2
XXXXXX
1
1
IN1
MSB
LSB
INPUT GAIN
D7
D6
D5
D4
D3
D2
D1
D0
2dB STEPS
0000
0dB
0001
2dB
0010
4dB
0011
6dB
0100
8dB
0101
10dB
0110
12dB
0111
14dB
1000
16dB
1001
18dB
1010
20dB
1011
22dB
1100
24dB
1101
26dB
1110
28dB
1111
30dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com