Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X76TAY Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM8AP5X76TAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X76TAY Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM8AP5X76TAY Datasheet HTML 16Page - STMicroelectronics STM8AP5X76TAY Datasheet HTML 17Page - STMicroelectronics STM8AP5X76TAY Datasheet HTML 18Page - STMicroelectronics STM8AP5X76TAY Datasheet HTML 19Page - STMicroelectronics STM8AP5X76TAY Datasheet HTML 20Page - STMicroelectronics STM8AP5X76TAY Datasheet HTML 21Page - STMicroelectronics STM8AP5X76TAY Datasheet HTML 22Page - STMicroelectronics STM8AP5X76TAY Datasheet HTML 23Page - STMicroelectronics STM8AP5X76TAY Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 100 page
background image
Product overview
STM8AF61xx, STM8AF51xx
20/100
5.8
ADC
The STM8A products described in this datasheet, contain a 10-bit successive approximation
ADC with 16 multiplexed input channels.
General features:
●
10-bit ADC with up to 16 channels
●
Input voltage range: 0 to VDDA
●
Acqusition modes
–
Single conversion
–
Continous acquisition - up to 100 ksamples/s effective sampling rate
–
Trigger register and external trigger input
●
Interrupts
–
End of conversion (EOC) - can be masked
5.9
Communication interfaces
The following communication interfaces are implemented on STM8A products:
●
USART: Full feature UART, SPI emulation, LIN master capability
●
LINUART: LIN2.1 master/slave capability, full feature UART
●
SPI - full and half-duplex, 10 Mbit/s
●
I²C - up to 400 Kbit/s
●
CAN (rev. 2.0A,B) - 3 Tx mailboxes - up to 1 Mbit/s
●
SWIM for debugging and device programming
5.9.1
USART
Main features
●
1 Mbit/s full duplex SCI
●
LIN master capable
●
SPI emulation
●
16-bit baud-rate prescaler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com