Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7495S Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7495S
Description  11W 11W AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7495S Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7495S Datasheet HTML 2Page - STMicroelectronics TDA7495S Datasheet HTML 3Page - STMicroelectronics TDA7495S Datasheet HTML 4Page - STMicroelectronics TDA7495S Datasheet HTML 5Page - STMicroelectronics TDA7495S Datasheet HTML 6Page - STMicroelectronics TDA7495S Datasheet HTML 7Page - STMicroelectronics TDA7495S Datasheet HTML 8Page - STMicroelectronics TDA7495S Datasheet HTML 9Page - STMicroelectronics TDA7495S Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TDA7495S
8/10
Figure 11. PINS: INL, INR
Figure 12. PINS: PW-GND, S-GND
Figure 13. PIN: STBY
Figure 14. PIN :MUTE
Figure 15. PINS: OUT R, OUT L
500
µA
30K
VS
INn
SVR
D97AU589
6K
GND
D97AU593
V
S
10
µA
65K
VS
STBY
D97AU594
200
50
µA
200
MUTE
D97AU592
10K
VS
OUT
D97AU588
VS
Figure 16. PIN: SVR
+
-
6K
6K
1K
1K
30K
30K
SVR
20K
20K
VS
VS
VS
OUT L
OUT R
100
µA
D97AU585A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com