Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7495SA Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7495SA
Description  11 W 11 W amplifier with DC volume control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7495SA Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7495SA_07 Datasheet HTML 7Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 8Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 9Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 10Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 11Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 12Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 13Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 14Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Clipwatt mounting suggestions
TDA7495SA
12/15
5
Clipwatt mounting suggestions
The suggested method for securing the Clipwatt package on an external heat sink is by a
spring clip placed as close as possible to the center of the plastic body, as indicated in the
example of Figure 26.
Thermal grease can be used to further reduce the thermal resistance of the contact
between package and heatsink.
The clip should apply a force of 7 - 10 kg to provide sufficient pressure for a good contact.
Care must be taken to ensure that the contact pressure on the package does not exceed
15 kg/mm².
As an example, if the clip applies a 15-kg force on the package then the clip must have a
contact area of at least 1 mm².
Figure 26.
Example of correctly placed clip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com