Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC09M1R Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC09M1R
Description  Quad 2-input and gate (open drain)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC09M1R Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC09M1R Datasheet HTML 1Page - STMicroelectronics M74HC09M1R Datasheet HTML 2Page - STMicroelectronics M74HC09M1R Datasheet HTML 3Page - STMicroelectronics M74HC09M1R Datasheet HTML 4Page - STMicroelectronics M74HC09M1R Datasheet HTML 5Page - STMicroelectronics M74HC09M1R Datasheet HTML 6Page - STMicroelectronics M74HC09M1R Datasheet HTML 7Page - STMicroelectronics M74HC09M1R Datasheet HTML 8Page - STMicroelectronics M74HC09M1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
May 2006
Rev 2
1/13
13
M74HC09
Quad 2-input and gate (open drain)
Features
■ HIgh Speed:
tPD = 7ns (Typ.) at VCC = 6V
■ Low power dissipation:
ICC = 1µA (Max.) at TA = 25°C
■ High noise immunity:
VNIH = VNIL = 28 % VCC (Min.)
■ Balanced propagation delays:
tPLH ≅ tPHL
■ Wide operating voltage range:
VCC (Opr) = 2V to 6V
■ Pin and function compatible with 74 series 09
Description
The M74HC09 is an high speed CMOS Quad 2-
input open drain and gate fabricated with silicon
gate C2MOS technology.
The internal circuit is composed of 3 stages
including buffer output, which enables high noise
immunity and stable output.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
DIP-14
SO-14
www.st.com
Order codes
Part number
Package
Packaging
M74HC09B1R
DIP-14
Tube
M74HC09M1R
SO-14
Tube
M74HC09RM13TR
SO-14
Tape and reel


Similar Part No. - M74HC09M1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC09M1R STMICROELECTRONICS-M74HC09M1R Datasheet
232Kb / 9P
QUAD 2-INPUT AND GATE OPEN DRAIN
Oct-1992
M74HC09M1R STMICROELECTRONICS-M74HC09M1R Datasheet
170Kb / 8P
QUAD 2-INPUT AND GATE OPEN DRAIN
Aug-2001
More results

Similar Description - M74HC09M1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC03 STMICROELECTRONICS-74VHC03 Datasheet
54Kb / 7P
QUAD 2-INPUT OPEN DRAIN NAND GATE
Jun-1999
74VHCT03A STMICROELECTRONICS-74VHCT03A Datasheet
158Kb / 8P
QUAD 2-INPUT OPEN DRAIN NAND GATE
Jun-2001
M54HC03 STMICROELECTRONICS-M54HC03 Datasheet
232Kb / 9P
QUAD 2-INPUT OPEN DRAIN NAND GATE
Jan-1993
M54HC09 STMICROELECTRONICS-M54HC09 Datasheet
232Kb / 9P
QUAD 2-INPUT AND GATE OPEN DRAIN
Oct-1992
M74HC09 STMICROELECTRONICS-M74HC09 Datasheet
170Kb / 8P
QUAD 2-INPUT AND GATE OPEN DRAIN
Aug-2001
logo
NXP Semiconductors
74LVC38A PHILIPS-74LVC38A Datasheet
99Kb / 14P
Quad 2-input NAND gate (open drain)
2004 Mar 22
logo
National Semiconductor ...
MM74HCT03 NSC-MM74HCT03 Datasheet
113Kb / 4P
Quad 2-Input NAND Gate (Open Drain)
logo
STMicroelectronics
74VHC03 STMICROELECTRONICS-74VHC03_04 Datasheet
232Kb / 11P
QUAD 2-INPUT OPEN DRAIN NAND GATE
12-Nov-2004
logo
Toshiba Semiconductor
TC74HC03AP TOSHIBA-TC74HC03AP_12 Datasheet
208Kb / 7P
Quad 2-Input NAND Gate (open drain)
TC74VHC03F TOSHIBA-TC74VHC03F_12 Datasheet
245Kb / 8P
Quad 2-Input NAND Gate (open drain)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com