Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC14B1R Datasheet(PDF) 4 Page - STMicroelectronics

Part # M74HC14B1R
Description  Hex Schmitt inverter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC14B1R Datasheet(HTML) 4 Page - STMicroelectronics

  M74HC14B1R Datasheet HTML 1Page - STMicroelectronics M74HC14B1R Datasheet HTML 2Page - STMicroelectronics M74HC14B1R Datasheet HTML 3Page - STMicroelectronics M74HC14B1R Datasheet HTML 4Page - STMicroelectronics M74HC14B1R Datasheet HTML 5Page - STMicroelectronics M74HC14B1R Datasheet HTML 6Page - STMicroelectronics M74HC14B1R Datasheet HTML 7Page - STMicroelectronics M74HC14B1R Datasheet HTML 8Page - STMicroelectronics M74HC14B1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
M74HC14
4/14
3
Electrical characteristics
Table 6.
DC specifications
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to
85°C
-55 to
125°C
Min
Typ
Max
Min
Max
Min
Max
Vt+
High level input
voltage
2.0
1.0
1.28
1.5
1.0
1.5
1.0
1.5
V
4.5
2.3
2.8
3.15
2.3
3.15
2.3
3.15
6.0
3.0
3.7
4.2
3.0
4.2
3.0
4.2
Vt-
Low level input
voltage
2.0
0.3
0.74
0.9
0.3
0.9
0.3
0.9
V
4.5
1.13
1.8
2.0
1.13
2.0
1.13
2.0
6.0
1.5
2.4
2.6
1.5
2.6
1.5
2.6
VH
Hysteresis
voltage
2.0
0.3
0.54
1.0
0.3
1.0
0.3
1.0
V
4.5
0.6
1.0
1.4
0.6
1.4
0.6
1.4
6.0
0.8
1.3
1.4
0.8
1.7
0.8
1.7
VOH
High level
output voltage
2.0
IO = -20 μA
1.9
2.0
1.9
1.9
V
4.5
IO = -20 μA
4.4
4.5
4.4
4.4
6.0
IO = -20 μA
5.9
6.0
5.9
5.9
4.5
IO = -4.0 mA
4.18 4.31
4.13
4.10
6.0
IO = -5.2 mA
5.68
5.8
5.63
5.60
VOL
Low level
output voltage
2.0
IO = -20 μA
0.0
0.1
0.1
0.1
V
4.5
IO = -20 μA
0.0
0.1
0.1
0.1
6.0
IO = -20 μA
0.0
0.1
0.1
0.1
4.5
IO = -4.0 mA
0.17 0.26
0.33
0.40
6.0
IO = -5.2 mA
0.18 0.26
0.33
0.40
II
Input leakage
current
6.0
VI = VCC or
GND
± 0.1
± 1
± 1
μA
ICC
Quiescent
supply current
6.0
VI = VCC or
GND
110
20
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com