Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC164 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC164
Description  8 BIT SIPO SHIFT REGISTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC164 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC164_03 Datasheet HTML 1Page - STMicroelectronics M74HC164_03 Datasheet HTML 2Page - STMicroelectronics M74HC164_03 Datasheet HTML 3Page - STMicroelectronics M74HC164_03 Datasheet HTML 4Page - STMicroelectronics M74HC164_03 Datasheet HTML 5Page - STMicroelectronics M74HC164_03 Datasheet HTML 6Page - STMicroelectronics M74HC164_03 Datasheet HTML 7Page - STMicroelectronics M74HC164_03 Datasheet HTML 8Page - STMicroelectronics M74HC164_03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
June 2003
s
HIGH SPEED :
fMAX = 62MHz (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL =28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 164
DESCRIPTION
The M74HC164 is an high speed CMOS 8 BIT
SIPO SHIFT REGISTER fabricated with silicon
gate C2MOS technology.
The M74HC164 is an 8 bit shift register with serial
data entry and an output from each of the eight
stages. Data is entered serially through one of two
inputs (A or B), either of these inputs can be used
as an active high enable for data entry through the
other input. An unused input must be high, or both
inputs connected together. Each low-to-high
transition on the clock inputs shifts data one place
to the right and enters into QA the logic NAND of
the two data inputs (A x B), the data that existed
before the rising clock edge. A low level on the
clear input overrides all other inputs and clears the
register asynchronously, forcing all Q outputs low.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC164
8 BIT SIPO SHIFT REGISTER
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC164B1R
SOP
M74HC164M1R
M74HC164RM13TR
TSSOP
M74HC164TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC164_03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC164B1R STMICROELECTRONICS-M74HC164B1R Datasheet
254Kb / 12P
8 BIT SIPO SHIFT REGISTER
Oct-1992
M74HC164C1R STMICROELECTRONICS-M74HC164C1R Datasheet
254Kb / 12P
8 BIT SIPO SHIFT REGISTER
Oct-1992
M74HC164M1R STMICROELECTRONICS-M74HC164M1R Datasheet
254Kb / 12P
8 BIT SIPO SHIFT REGISTER
Oct-1992
More results

Similar Description - M74HC164_03

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
8-BIT SHIFT REGISTER
1996 REV 3
logo
STMicroelectronics
M54HC164 STMICROELECTRONICS-M54HC164 Datasheet
254Kb / 12P
8 BIT SIPO SHIFT REGISTER
Oct-1992
M54HC251 STMICROELECTRONICS-M54HC251 Datasheet
249Kb / 11P
8 BIT SIPO SHIFT REGISTER
Feb-1993
M54HC4094 STMICROELECTRONICS-M54HC4094 Datasheet
270Kb / 12P
8 BIT SIPO SHIFT LATCH REGISTER 3-STATE
Feb-1993
M54HCT164 STMICROELECTRONICS-M54HCT164 Datasheet
252Kb / 12P
8 BIT SIPO SHIFT REGISTER
Feb-1993
M74HC4094 STMICROELECTRONICS-M74HC4094 Datasheet
575Kb / 12P
8 BIT SIPO SHIFT LATCH REGISTER (3-STATE)
Jan-2003
M74HCT164 STMICROELECTRONICS-M74HCT164 Datasheet
327Kb / 11P
8 BIT SIPO SHIFT REGISTER
Jul-2001
M54HC164 STMICROELECTRONICS-M54HC164_04 Datasheet
299Kb / 11P
RAD-HARD 8 BIT SIPO SHIFT REGISTER
Mar-2004
logo
Renesas Technology Corp
HD74HC95 RENESAS-HD74HC95 Datasheet
90Kb / 7P
8-bit Shift Register
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com