Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6213 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC6213
Description  High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6213 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC6213_2 Datasheet HTML 17Page - Torex Semiconductor XC6213_2 Datasheet HTML 18Page - Torex Semiconductor XC6213_2 Datasheet HTML 19Page - Torex Semiconductor XC6213_2 Datasheet HTML 20Page - Torex Semiconductor XC6213_2 Datasheet HTML 21Page - Torex Semiconductor XC6213_2 Datasheet HTML 22Page - Torex Semiconductor XC6213_2 Datasheet HTML 23Page - Torex Semiconductor XC6213_2 Datasheet HTML 24Page - Torex Semiconductor XC6213_2 Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21/28
XC6213
Series
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(10) Turn-On Response (Continued)
XC6213 B302
Ta=25℃, IOUT=100μA, tr=tf=5μs,
VIN=VCE=0→4.0V, CL=1.0μF (ceramic)
XC6213 B302
Ta=25℃, IOUT=30mA, tr=tf=5μs,
VIN=VCE=0→4.0V, CL=1.0μF (ceramic)
XC6213 B502
Ta=25℃, IOUT=100μA, tr=tf=5μs,
VIN=VCE=0→6.0V, CL=1.0μF (ceramic)
XC6213 B302
Ta=25℃, IOUT=30mA, tr=tf=5μs,
VIN=VCE=0→6.0V, CL=1.0μF (ceramic)
Time (40μs/div)
Time (40μs/div)
Time (80μs/div)
Time (80μs/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com