Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X7BTAY Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM8AP5X7BTAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X7BTAY Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM8AP5X7BTAY Datasheet HTML 11Page - STMicroelectronics STM8AP5X7BTAY Datasheet HTML 12Page - STMicroelectronics STM8AP5X7BTAY Datasheet HTML 13Page - STMicroelectronics STM8AP5X7BTAY Datasheet HTML 14Page - STMicroelectronics STM8AP5X7BTAY Datasheet HTML 15Page - STMicroelectronics STM8AP5X7BTAY Datasheet HTML 16Page - STMicroelectronics STM8AP5X7BTAY Datasheet HTML 17Page - STMicroelectronics STM8AP5X7BTAY Datasheet HTML 18Page - STMicroelectronics STM8AP5X7BTAY Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 100 page
background image
STM8AF61xx, STM8AF51xx
Product overview
15/100
5.4.3
Read-out protection (ROP)
STM8A devices provide a read-out protection of the code and data memory by
programming the lock byte at address 4800h with the value AAh.
Read-out protection prevents reading and writing the program and data memory via the
debug module and SWIM interface. This protection is active in all device operation modes.
Any attempt to remove the protection by overwriting the lock byte triggers a global erase of
the program and data memory.
The ROP circuit may provide a temporary access for debugging or failure analysis. This is a
specific product option and must be specified while ordering STM8A products.
Temporary read access is protected by a user defined, 8-byte keyword that is different from
00h or FFh. The keys are stored in the option byte area.
Temporary read-out can be permanently disabled by means of the option byte TMU_DIS.
For enabling temporary read access the eight access keys have to be written in the TMU
registers. A wrong code does not change the protection status. More than eight
unsuccessful access trials trigger an erase of the program and data memory.
Entering the right key sequence enables a temporary read access to the code and data
memory after a delay of several milliseconds.
The procedure for temporary read access is as follows:
●
Activate SWIM mode under device reset - the CPU is stalled, code and data memory
are not visible by the debug module.
●
Enable the internal 128 KHz LSI oscillator
●
Write the 8eight key bytes into the TMU registers
●
Set the bit(0) of the TMU status register to 1. A dedicated state machine on an isolated
bus, compares the TMU register content with the key stored in the TMU option bytes.
During this periode read and write operations have no effect. A reset re-activates the
initial protection status. The comparison can be monitored by means of the TU_CTL_ST
register.
●
In case of a successful key comparison, the SWIM interface enables read access to the
code and data memory and program execution. A comparison error does not change
the protection status but increments the counter MAXATT. If the counter content
exceedes eight unsuccessful trials, a global erase of the data and code memory is
triggered.
The read access is temporary. A device reset restores the initial protection.
5.4.4
Speed
●
Operation at up to 16 MHz CPU clock frequency without wait states. At a higher clock
frequency, a single wait state has to be inserted.
●
Programming time modes (same for word or block)
–
Fast programming: Without erase
–
Standard programming: Erase and program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com