Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC74WL241ASR Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC74WL241ASR
Description  CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC74WL241ASR Datasheet(HTML) 3 Page - Torex Semiconductor

  XC74WL241ASR Datasheet HTML 1Page - Torex Semiconductor XC74WL241ASR Datasheet HTML 2Page - Torex Semiconductor XC74WL241ASR Datasheet HTML 3Page - Torex Semiconductor XC74WL241ASR Datasheet HTML 4Page - Torex Semiconductor XC74WL241ASR Datasheet HTML 5Page - Torex Semiconductor XC74WL241ASR Datasheet HTML 6Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
XC74WL241ASR
Ta=25℃
Ta=-40℃~85℃
PARAMETER
SYMBOL
CL
VCC(V)
CONDITIONS
MIN.
TYP.
MAX.
MIN.
MAX.
UNITS
3.3
-
5.6
8.0
1.0
9.5
15pF
5.0
-
3.8
5.5
1.0
6.5
ns
3.3
-
8.1
11.5
1.0
13.0
tPLH
50pF
5.0
-
5.3
7.5
1.0
8.5
ns
3.3
-
5.6
8.0
1.0
9.5
15pF
5.0
-
3.8
5.5
1.0
6.5
ns
3.3
-
8.1
11.5
1.0
13.0
Delay Time
tPHL
50pF
5.0
-
5.3
7.5
1.0
8.5
ns
3.3
-
5.4
8.0
1.0
9.5
15pF
5.0
-
3.6
5.1
1.0
6.0
ns
3.3
-
7.9
11.5
1.0
13.0
tZL
50pF
5.0
RL=1kΩ
-
5.1
7.1
1.0
8.0
ns
3.3
-
5.4
8.0
1.0
9.5
15pF
5.0
-
3.6
5.1
1.0
6.0
ns
3.3
-
7.9
11.5
1.0
13.0
Output Enable Time
tZH
50pF
5.0
RL=1kΩ
-
5.1
7.1
1.0
8.0
ns
3.3
-
9.5
13.2
1.0
15.0
tLZ
50pF
5.0
RL=1kΩ
-
6.1
8.8
1.0
10.0
ns
3.3
-
9.5
13.2
1.0
15.0
Output Disable Time
tHZ
50pF
5.0
RL=1kΩ
-
6.1
8.8
1.0
10.0
ns
3.3
-
-
1.5
-
1.5
Output Pin Skew
tosLH
50pF
5.0
-
-
1.0
-
1.0
ns
3.3
-
-
1.5
-
1.5
(Note)
tosHL
50pF
5.0
-
-
1.0
-
1.0
ns
Input Capacitance
CIN
-
-
-
4
10
-
10
pF
Output Capacitance
COUT
-
-
-
6
-
-
-
pF
Power Dissipation Capacitance
Cpd
-
-
-
17
-
-
-
pF
Ta=25℃
PARAMETER
SYMBOL
CL
VCC(V)
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Non Functional Output Maximum Dynamic VOL
VOLP
50pF
5.0
-
0.5
0.8
V
Non Functional Output Minimum Dynamic VOL
VOLV
50pF
5.0
-0.8
-0.5
-
V
Minimum Dnamic VIH
VIHD
50pF
5.0
-
-
3.5
V
Maximum Dnamic VIL
VILD
50pF
5.0
-
-
1.5
V
■
SWITCHING ELECTRICAL CHARACTERISTICS
(tr=tf=3ns)
(tr=tf=3ns)
■
NOISE CHARACTERISTICS
Note: tOSLH and tOSHL arethe guaranteed parameters.
tOSLH = I tPLHm – tPHLn I , tOSHL = I tPHLm – tPHLn I



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com