Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC298B1R Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC298B1R
Description  QUAD 2 CHANNEL MULTIPLEXER/REGISTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC298B1R Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC298B1R Datasheet HTML 1Page - STMicroelectronics M74HC298B1R Datasheet HTML 2Page - STMicroelectronics M74HC298B1R Datasheet HTML 3Page - STMicroelectronics M74HC298B1R Datasheet HTML 4Page - STMicroelectronics M74HC298B1R Datasheet HTML 5Page - STMicroelectronics M74HC298B1R Datasheet HTML 6Page - STMicroelectronics M74HC298B1R Datasheet HTML 7Page - STMicroelectronics M74HC298B1R Datasheet HTML 8Page - STMicroelectronics M74HC298B1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
M74HC298
2/11
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
a1, a2, ETC. : The level of steady state input at a1, a2, etc.
QA0, QB0, ETC. : The level of QA, QB, ETC entered on the most recent negative transition of the clock input.
LOGIC DIAGRAM
This logic diagram has not be used to estimate propagation delays
PIN No
SYMBOL
NAME AND FUNCTION
1, 2, 5, 6
A2, B2, C2,
D2
Word 2 Data Inputs
3, 4, 7, 9
A1, B1, C1,
D1
Word 1 Data Inputs
12 to 15
QA to QD
Outputs
10
WORD
SELECT
Word Select Input
11
CLOCK
Clock Input (LOW to
HIGH, Edge-triggered)
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
INPUTS
OUTPUTS
WORD SELECT
CLOCK
QA
QB
QC
QD
L
a1
b1c1d1
H
a2
b2c2d2
X
QA0
QB0
QC0
QD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com