Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC670B1R Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC670B1R
Description  4 WORD x 4 BIT REGISTER FILE (3 STATE)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC670B1R Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC670B1R Datasheet HTML 1Page - STMicroelectronics M74HC670B1R Datasheet HTML 2Page - STMicroelectronics M74HC670B1R Datasheet HTML 3Page - STMicroelectronics M74HC670B1R Datasheet HTML 4Page - STMicroelectronics M74HC670B1R Datasheet HTML 5Page - STMicroelectronics M74HC670B1R Datasheet HTML 6Page - STMicroelectronics M74HC670B1R Datasheet HTML 7Page - STMicroelectronics M74HC670B1R Datasheet HTML 8Page - STMicroelectronics M74HC670B1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
M74HC670
2/11
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
WRITE FUNCTION TABLE
READ FUNCTION TABLE
X : Don’t Care
Z : High Impedance
(Q = D) = The four select internal flip-flop outputs will assume the states applied to the four external data inputs.
Q0 = The level of Q before the indicated input conditions were established.
W0B1 = The firs bit of word 0, etc.
PIN No
SYMBOL
NAME AND FUNCTION
5, 4
RA, RB
Read Address Inputs
10, 9, 7, 6
Q1 to Q4
Data Outputs
11
RE
3 - State Output Read
Enable Input
12
WE
Write Enable Input (Active
LOW)
14, 13
WA, WB
Write Address Inputs
15, 1, 2, 3
D1 to D4
Data Inputs
8
GND
Ground (0V)
16
Vcc
Positive Supply Voltage
WRITE INPUTS
WORDS
WB
WA
WE
0123
LLL
Q = D
Q0
Q0
Q0
LHL
Q0
Q = D
Q0
Q0
HL
L
Q0
Q0
Q = D
Q0
HH
L
Q0
Q0
Q0
Q = D
XX
H
Q0
Q0
Q0
Q0
READ INPUTS
OUTPUTS
RB
RA
RE
Q0
Q1
Q2
Q3
L
L
L
W0B1
W0B2
W0B3
W0B4
L
H
L
W1B1
W1B2
W1B3
W1B4
H
L
L
W2B1
W2B2
W2B3
W2B4
H
H
L
W3B1
W3B2
W3B3
W3B4
X
X
H
ZZZZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com