Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6670ASTR Datasheet(PDF) 51 Page - STMicroelectronics

Part # PM6670ASTR
Description  Complete DDR2/3 memory power supplies controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6670ASTR Datasheet(HTML) 51 Page - STMicroelectronics

Back Button PM6670ASTR Datasheet HTML 46Page - STMicroelectronics PM6670ASTR Datasheet HTML 47Page - STMicroelectronics PM6670ASTR Datasheet HTML 48Page - STMicroelectronics PM6670ASTR Datasheet HTML 49Page - STMicroelectronics PM6670ASTR Datasheet HTML 50Page - STMicroelectronics PM6670ASTR Datasheet HTML 51Page - STMicroelectronics PM6670ASTR Datasheet HTML 52Page - STMicroelectronics PM6670ASTR Datasheet HTML 53Page - STMicroelectronics PM6670ASTR Datasheet HTML 54Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 51 / 54 page
background image
PM6670AS
Package mechanical data
51/54
9
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Table 8.
VFQFPN-24 4mm x 4mm mechanical data
Dim.
mm.
Min
Typ
Max
A
0.80
0.90
1.00
A1
0.0
0.05
A2
0.65
0.80
D
4.00
D1
3.75
E4.00
E1
3.75
θ
12°
P
0.240.420.60
e0.50
N
24.00
Nd
6.00
Ne
6.00
L
0.300.400.50
b
0.18
0.30
D2
1.95
2.10
2.25
E2
1.95
2.10
2.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com