Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6675ASTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # PM6675ASTR
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675ASTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button PM6675ASTR Datasheet HTML 12Page - STMicroelectronics PM6675ASTR Datasheet HTML 13Page - STMicroelectronics PM6675ASTR Datasheet HTML 14Page - STMicroelectronics PM6675ASTR Datasheet HTML 15Page - STMicroelectronics PM6675ASTR Datasheet HTML 16Page - STMicroelectronics PM6675ASTR Datasheet HTML 17Page - STMicroelectronics PM6675ASTR Datasheet HTML 18Page - STMicroelectronics PM6675ASTR Datasheet HTML 19Page - STMicroelectronics PM6675ASTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
Device description
PM6675AS
16/48
7
Device description
The PM6675AS combines a single high efficiency step-down controller and an independent
Low Drop-Out (LDO) linear regulator in the same package.
The switching controller section is a high-performance, pseudo-fixed frequency, Constant-
On-Time (COT) based regulator specifically designed for handling fast load transient over a
wide range of input voltage.
The switching section output can be easily set to a fixed 1.5 V voltage without additional
components or adjusted in the 0.6 V to 3.3 V range using an external resistor divider. The
Switching Mode Power Supply (SMPS) can handle different modes of operation in order to
minimize noise or power consumption, depending on the application needs. Selectable low-
consumption and low-noise modes allow the highest efficiency and a 33 kHz minimum
switching frequency respectively at light loads.
The current sensing is lossless, based on the Low-Side MOSFET turn-on resistance.
The input of the LDO can be either the switching section output or a lower voltage rail in
order to reduce the total power dissipation. Linear regulator stability is achieved by filtering
its output wit
h a ceramic capacitor (20 µF or greater). The LDO linear regulator can sink and
source up to 2 Apk.
Two fixed current limit (±1A-±2A) can be chosen.
An active soft-end is independently performed on both the switching and the linear
regulators outputs when disabled.
7.1
Switching section - constant on-time pwm controller
The PM6675AS employes a pseudo-fixed frequency, Constant On-Time (COT) controller as
the core of the switching section. As well known, the COT controller concerns of a relatively
simple algorithm and uses the ripple voltage derived across the output capacitor ESR to
trigger the On-Time one-shot generator. In this way, the output capacitor ESR acts as a
current sense resistor providing the appropriate ramp signal to the PWM comparator.
Nearly constant switching frequency is achieved by the system loop in steady-state
operating conditions by varying the On-Time duration, avoiding thus the need for a clock
generator. The On-Time one shot duration is directly proportional to the output voltage,
sensed at VSNS pin, and inversely proportional to the input voltage, sensed at the VOSC
pin, as follows:
Equation 1
where KOSC is a constant value (130 ns typ.) and τ is the internal propagation delay (40ns
typ.). The one-shot generator directly drives the high-side MOSFET at the beginning of
each switching cycle allowing the inductor current to increase; after the On-Time has
expired, an Off-Time phase, in which the low-side MOSFET is turned on, follows.
τ
+
=
OSC
SNS
OSC
ON
V
V
K
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com