Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6680 Datasheet(PDF) 26 Page - STMicroelectronics

Part # PM6680
Description  No Rsense dual step-down controller with adjustable voltages for notebook system power
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button PM6680 Datasheet HTML 22Page - STMicroelectronics PM6680 Datasheet HTML 23Page - STMicroelectronics PM6680 Datasheet HTML 24Page - STMicroelectronics PM6680 Datasheet HTML 25Page - STMicroelectronics PM6680 Datasheet HTML 26Page - STMicroelectronics PM6680 Datasheet HTML 27Page - STMicroelectronics PM6680 Datasheet HTML 28Page - STMicroelectronics PM6680 Datasheet HTML 29Page - STMicroelectronics PM6680 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
Device description
PM6680
26/49
Figure 32.
No audible skip mode
The low side switch is turned on until the output voltage crosses about Vreg+1 %. Then the
high side MOSFET is turned on for a fixed on time period. Afterwards the low side switch is
enabled until the inductor current reaches the zero-crossing threshold. This keeps the
switching frequency higher than 33 kHz. As a consequence of the control, the regulated
voltage can be slightly higher than Vreg (up to 1 %).
If, due to the load, the frequency is higher than 33 kHz, the device works like in skip mode.
No-audible skip mode reduces audio frequency noise that may occur in pulse skip mode at
very light loads, keeping the efficiency higher than in PWM mode.
7.6
Current limit
The current-limit circuit employs a "valley" current-sensing algorithm. During the conduction
time of the low side MOSFET the current flowing through it is sensed. The current-sensing
element is the low side MOSFET on-resistance (Figure 33).
Figure 33.
RDSON sensing technique
0
Inductor current
Time
No audible skip mode
Low side
∼30us
LGATE
HGATE
CSENSE
PHASE
Rcsense
RDSon
HS
LS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com