Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP100LC Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMP100LC
Description  Trisil for telecom equipment protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP100LC Datasheet(HTML) 1 Page - STMicroelectronics

  SMP100LC Datasheet HTML 1Page - STMicroelectronics SMP100LC Datasheet HTML 2Page - STMicroelectronics SMP100LC Datasheet HTML 3Page - STMicroelectronics SMP100LC Datasheet HTML 4Page - STMicroelectronics SMP100LC Datasheet HTML 5Page - STMicroelectronics SMP100LC Datasheet HTML 6Page - STMicroelectronics SMP100LC Datasheet HTML 7Page - STMicroelectronics SMP100LC Datasheet HTML 8Page - STMicroelectronics SMP100LC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
March 2007
Rev 12
1/12
12
SMP100LC
Trisil™ for telecom equipment protection
Features
Bidirectional crowbar protection
Voltage range from 8 V to 400 V
Low capacitance from 20 pF to 45 pF @ 50 V
Low leakage current : IR = 2 µA max
Holding current: IH = 150 mA min
Repetitive peak pulse current:
IPP = 100 A (10/1000 µs)
Main applications
Any sensitive equipment requiring protection
against lightning strikes and AC power faults.
These devices are dedicated to central office
protection as they comply with the most stressfull
standards.
Their Low Capacitances make them suitable for
xDSL.
Description
The SMP100LC is a series of low capacitance
transient surge arrestors designed for the
protection of high data rate communication
equipment. Its low capacitance avoids any
distortion of the signal and is compatible with
digital transmission line cards (xDSL, ISDN...).
SMP100LC series tested and confirmed
compatible with Cooper Bussmann Telecom
Circuit Protector TCP 1.25A.
The SMP100LC-xxx with the fuse TCP1.25A or
TCP2A is compliant with Telcordia GR1089
(lightning and AC power fault tests),
ITU-T K20/K21 (lightning and AC power fault
tests), TIA/EIA-IS-968 (formely FCC Part 68
lightning tests), UL60950 (AC power fault tests).
Moreover, the use of the TCP1.25A allows the
SMP100LC-xxx to be safe for the 2nd level (B
criteria) AC power fault tests.
Order Code
Benefits
Trisils are not subject to ageing and provide a fail
safe mode in short circuit for a better protection.
They are used to help equipment to meet main
standards such as UL60950, IEC950 / CSA
C22.2 and UL1459. They have UL94 V0 approved
resin. SMB package is JEDEC registered
(DO-214AA). Trisils comply with the following
standards GR-1089 Core, ITU-T-K20/K21,
VDE0433, VDE0878, IEC61000-4-5 and
FCC part 68.
Order code
Marking
SMP100LC-xxx
See Section 5 on page 11
SMB
(JEDEC DO-214AA)
www.st.com


Similar Part No. - SMP100LC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP100LC STMICROELECTRONICS-SMP100LC Datasheet
108Kb / 10P
TRISILTM FOR TELECOM EQUIPMENT PROTECTION
20-Jun-2005
SMP100LC-120 STMICROELECTRONICS-SMP100LC-120 Datasheet
108Kb / 10P
TRISILTM FOR TELECOM EQUIPMENT PROTECTION
20-Jun-2005
SMP100LC-120 STMICROELECTRONICS-SMP100LC-120 Datasheet
65Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
Jul-2002
SMP100LC-140 STMICROELECTRONICS-SMP100LC-140 Datasheet
66Kb / 8P
TRISILTM FOR HIGH DEBIT RATE TELECOM LINES PROTECTION
SMP100LC-140 STMICROELECTRONICS-SMP100LC-140 Datasheet
108Kb / 10P
TRISILTM FOR TELECOM EQUIPMENT PROTECTION
20-Jun-2005
More results

Similar Description - SMP100LC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP50-XXX STMICROELECTRONICS-SMP50-XXX Datasheet
81Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
TRISIL™ FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
20-Jun-2005
SMP50 STMICROELECTRONICS-SMP50 Datasheet
106Kb / 10P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
16-Nov-2004
SMP30 STMICROELECTRONICS-SMP30_04 Datasheet
87Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
13-Dec-2004
SMP50 STMICROELECTRONICS-SMP50_07 Datasheet
129Kb / 11P
Trisil for telecom equipment protection
12-Jun-2007
SMP80MC STMICROELECTRONICS-SMP80MC_07 Datasheet
118Kb / 10P
TRISIL for telecom equipment protection
18-Jan-2007
SMP100MC STMICROELECTRONICS-SMP100MC_05 Datasheet
166Kb / 13P
Trisil??for telecom equipment protection
09-Feb-2012
SMP100LC-65 STMICROELECTRONICS-SMP100LC-65 Datasheet
65Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
Jul-2002
SMP75 STMICROELECTRONICS-SMP75 Datasheet
89Kb / 9P
Trisil??for telecom equipment protection
19-Oct-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com