Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRIX4K Datasheet(PDF) 35 Page - STMicroelectronics

Part # SRIX4K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRIX4K Datasheet(HTML) 35 Page - STMicroelectronics

Back Button SRIX4K Datasheet HTML 31Page - STMicroelectronics SRIX4K Datasheet HTML 32Page - STMicroelectronics SRIX4K Datasheet HTML 33Page - STMicroelectronics SRIX4K Datasheet HTML 34Page - STMicroelectronics SRIX4K Datasheet HTML 35Page - STMicroelectronics SRIX4K Datasheet HTML 36Page - STMicroelectronics SRIX4K Datasheet HTML 37Page - STMicroelectronics SRIX4K Datasheet HTML 38Page - STMicroelectronics SRIX4K Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
SRIX4K
SRIX4K commands
35/47
9.7
Read_block(Addr) command
Command code = 08h
On receiving the Read_block command, the SRIX4K reads the desired block and returns
the 4 data bytes contained in the block. Data bytes are transmitted with the Least Significant
byte first and each byte is transmitted with the least significant bit first.
The address byte gives access to the 128 blocks of the SRIX4K (addresses 0 to 127).
Read_block commands issued with a block address above 127 will not be interpreted and
the SRIX4K will not return any response, except for the System area located at address
255.
The SRIX4K must have received a Select() command and be switched to Selected state
before any Read_block() command can be accepted. All Read_block() commands sent to
the SRIX4K before a Select() command is issued are ignored.
Figure 42.
Read_block request format
Request parameter:
Address: block addresses from 0 to 127, or 255
Figure 43.
Read_block response format
Response parameters:
Data 1: Less significant data byte
Data 2: Data byte
Data 3: Data byte
Data 4: Most significant data byte
Figure 44.
Read_block frame exchange between reader and SRIX4K
SOF
Read_block
CRCL
CRCH
EOF
AI07684b
08h
8 bIts
8 bits
8 bits
Address
SOF
Data 1
CRCL
CRCH
EOF
AI07685b
8 bits
Data 2
Data 3
Data 4
8 bIts
8 bIts
8 bIts
8 bIts
8 bIts
S
O
F
Data 1
AI07686c
Data 2 Data 3 Data 4
Reader
SRIX4K
CRCL CRCH
E
O
F
<-t0-><-t1->
S
O
F
08h
CRCL CRCH
E
O
F
ADDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com