Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S12GR Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST1S12GR
Description  Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S12GR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST1S12GR Datasheet HTML 2Page - STMicroelectronics ST1S12GR Datasheet HTML 3Page - STMicroelectronics ST1S12GR Datasheet HTML 4Page - STMicroelectronics ST1S12GR Datasheet HTML 5Page - STMicroelectronics ST1S12GR Datasheet HTML 6Page - STMicroelectronics ST1S12GR Datasheet HTML 7Page - STMicroelectronics ST1S12GR Datasheet HTML 8Page - STMicroelectronics ST1S12GR Datasheet HTML 9Page - STMicroelectronics ST1S12GR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Electrical characteristics
ST1S12xx
6/20
4
Electrical characteristics
Note:
1
Guaranteed by design, but not tested in production.
Table 6.
Electrical characteristics for ST1S12G
VIN =VEN = 3.6 V, CIN = 4.7 µF, CO =10 µF, L = 2.2 µH, TJ = -40 to 125 °C (unless otherwise
specified. Typical values are referred to 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
FB
Feedback voltage
TJ =-40 to 125°C
582
600
618
V
IFB
VFB pin bias current
-50
50
nA
VIN
Minimum input voltage
IO= 10mA to 0.7A
2.5
V
IQ
Quiescent current
VIN =VEN, VFB=0.65V
500
600
µA
VEN = 0, T = -40°C to 85°C
1
µA
IO
Output current
VIN = 2.5 to 5.5V Note 1
0.7
A
VEN
Enable threshold
Device ON, VIN = 2.5 to 5.5V
1.5
V
Device OFF
0.5
IEN
Enable pin current
1
µA
%VO/ΔVIN Reference line regulation
VIN = 2.5V to 5.5V Note 1
0.05
0.1
%VO/ΔVIN
%VO/ΔIO Reference load regulation
IO = 10mA to 700mA Note 1
0.0025 0.005
%VO/mA
PWMfS
PWM switching frequency
1.16
1.7
2.08
MHz
DMAX
Maximum duty cycle
100
%
RDSON-N NMOS switch on resistance
ISW = 100 mA
0.25
0.4
Ω
RDSON-P PMOS switch on resistance
ISW = 100 mA
0.25
0.45
Ω
ISWL
Switching current limitation
Note 1
1.6
A
ν
Efficiency Note 1
IO = 10mA to 100mA, VO = 1.8V
80
%
IO = 100mA to 0.7A, VO = 1.8V
90
TSHDN
Thermal shutdown
130
150
°C
THYS
Thermal shutdown hysteresis
15
°C
%VO/ΔIO Load transient response
IO = 100mA to 700mA, TA = 25°C
tR = tF ≥ 200ns, CO=22µF Note 1
-5
+5
%VO
%VO/ΔIO
Short circuit removal
response
IO = 10mA to IO=short, TA = 25°C
Note 1
-10
+10
%VO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com