Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMDKBBABGA56W Datasheet(PDF) 1 Page - SunLED Corporation

Part # ZMDKBBABGA56W
Description  3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZMDKBBABGA56W Datasheet(HTML) 1 Page - SunLED Corporation

  ZMDKBBABGA56W Datasheet HTML 1Page - SunLED Corporation ZMDKBBABGA56W Datasheet HTML 2Page - SunLED Corporation ZMDKBBABGA56W Datasheet HTML 3Page - SunLED Corporation ZMDKBBABGA56W Datasheet HTML 4Page - SunLED Corporation ZMDKBBABGA56W Datasheet HTML 5Page - SunLED Corporation ZMDKBBABGA56W Datasheet HTML 6Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Published Date : FEB 26,2008
Drawing No : SDSA5869
V2
Checked : B.L.LIU
P.1/6
Part Number:
ZMDKBBABGA56W
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
www.SunLED.com
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
ZMDKBBABGA56W
Red
InGaAlP
Water Clear
70
198
650
Green
InGaN
50
198
520
120°
Blue
InGaN
18
59
468
PRELIMINARY SPEC
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Features
●3.0mmx1.0mm RIGHT ANGLE SMT LED, 1.5mm
THICKNESS.
●LOW POWER CONSUMPTION.
●WIDE VIEWING ANGLE.
●IDEAL FOR BACKLIGHT AND INDICATOR.
●PACKAGE : 2000PCS / REEL.
●MOISTURE SENSITIVITY LEVEL : LEVEL 3.
●RoHS COMPLIANT.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.2(0.008") unless otherwise noted.
3. Specifications are subject to change without notice.
Absolute maximum ratings
(TA=25°C)
MDK
(InGa
AlP)
BBA
(InGa
N)
BGA
(InGa
N)
Unit
Reverse Voltage
VR
5
5
5
V
Forward Current
IF
30
30
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
185
100
100
mA
Power Dissipation
PT
75
120
120
mW
-
1000
1000
V
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Electrostatic Discharge Threshold
(HBM)
MDK
(InGaA
lP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
1.95
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission (Typ.)
(IF=20mA)
λ p
650
nm
Wavelength of Dominant
Emission (Typ.)
(IF=20mA)
λ D
635
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
28
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
35
pF
Operating Characteristics
(TA=25°C)
BGA
(InGa
N)
3.2
4.0
10
520
525
35
100
BBA
(InGa
N)
3.2
4.0
10
468
470
21
100
yalin
數位簽署者:yalin
DN:cn=yalin, o, ou,
email=sjhou@cn.
kingbright.com, c=<無
>
日期︰2008.02.26
18:46:18 +08'00'


Similar Part No. - ZMDKBBABGA56W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZMDKBBABGA45W-9 SUNLED-ZMDKBBABGA45W-9 Datasheet
250Kb / 6P
3.5x2.8mm SURFACE MOUNT LED LAMP
More results

Similar Description - ZMDKBBABGA56W

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APFA3010SURCGKPBAC KINGBRIGHT-APFA3010SURCGKPBAC Datasheet
224Kb / 7P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APFA3010SURKCGKPBAC KINGBRIGHT-APFA3010SURKCGKPBAC Datasheet
250Kb / 7P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
ZMDKBBA56W SUNLED-ZMDKBBA56W Datasheet
225Kb / 5P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APFA3010LSEKJ3ZGKQBC KINGBRIGHT-APFA3010LSEKJ3ZGKQBC Datasheet
376Kb / 7P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APFA3010SEEZGKQBKC KINGBRIGHT-APFA3010SEEZGKQBKC Datasheet
312Kb / 7P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APFA3010SEEZGQBDC KINGBRIGHT-APFA3010SEEZGQBDC Datasheet
311Kb / 7P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APFA3010SEKJ3ZGKQBKC KINGBRIGHT-APFA3010SEKJ3ZGKQBKC Datasheet
358Kb / 7P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APFA3010SURKZGSYKC KINGBRIGHT-APFA3010SURKZGSYKC Datasheet
357Kb / 7P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
KPFA-3011BZ1RGZ1C-132-F TO-GRACE-KPFA-3011BZ1RGZ1C-132-F Datasheet
2Mb / 7P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
XZCBDDGME56W SUNLED-XZCBDDGME56W Datasheet
314Kb / 4P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com