| Electronic Components Datasheet Search |
|
ORSPI4 Datasheet(PDF) 94 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
ORSPI4 Datasheet(HTML) 94 Page - Lattice Semiconductor |
|
94 / 263 page ![]() Lattice Semiconductor ORCA ORSPI4 Data Sheet 94 SPIA_RX128_FIFO_EMPTY flag is ‘1’ and RX_DPRAM_EMPTY_TYPE_SELA[0:3] software register bits in address 30920 are set to ‘1’, it implies that the FIFO has 15 128-bit words left (1/4 * 64 locations - 1). As shown in Figure 41, the ERR signal indicates that the corresponding packet is in error. The ERR signal can be asserted by the ORSPI4 core several clock cycles before EOP and remains asserted until the clock cycle when EOP is asserted. However, the user is always required to use the ERR signal in conjunction with the EOP signal. Irrespective of the ERR signal being asserted, the core always transmits the entire packet. Thus, it is relevant for the user application to sample the ERR signal simultaneously with EOP. Users should also be aware that this is in asymmetry with the transmit SPI4 core’s behavior. In the transmit direction, user always asserts ERR signal during an EOP only. Thus, if any loopback is performed from the receive SPI4 (A or B) to the transmit SPI4 (A or B), the user should ensure that the received ERR signal is not wired directly to the corresponding transmit ERR signal, but follows the transmit protocol of providing an ERR signal only in the same clock cycle as an EOP and not earlier. Figure 39. Read Timing with ASTOP_ON_EOP Deasserted - 128-Bit Aggregation Mode …. 12 3 4 5 6 FIFO size = 64 SPIA_RX128_CLK SPIA_RX128_RD SPIA_RX128_ADDR n p Address changed when penultimate word is read from FIFO n SPIA_RX128_EMPTY FIFO empty for address p Indicates FIFO has 15 words left SPIA_RX128_DATA …. Data read 2 cycles after Address changed to p 2 cycles after read enable SPIA_RX128_PORTID Port ID Port ID SPIA_RX128_SOP SPIA_RX128_EOP hffff …. hffff hffff hffff SPIA_RX128_BE SPIA_RX128_ERR ASTOP_ON_EOP D0 D1 D63 D62 D2 P0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |