Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ORSPI4 Datasheet(PDF) 155 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 155 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 151Page - Lattice Semiconductor ORSPI4 Datasheet HTML 152Page - Lattice Semiconductor ORSPI4 Datasheet HTML 153Page - Lattice Semiconductor ORSPI4 Datasheet HTML 154Page - Lattice Semiconductor ORSPI4 Datasheet HTML 155Page - Lattice Semiconductor ORSPI4 Datasheet HTML 156Page - Lattice Semiconductor ORSPI4 Datasheet HTML 157Page - Lattice Semiconductor ORSPI4 Datasheet HTML 158Page - Lattice Semiconductor ORSPI4 Datasheet HTML 159Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
155
ORSPI4 Memory Map
The ORSPI4 device features a variety of programming options which include all the OIF-SPI-4.2.0 specified config-
urable parameters. The base addresses for each functional block in the ORSPI4 device is shown in Figure 87 and
Table 45.
The SPIA and SPIB receive cores contain RAM blocks that are configured through writes to the address range
0x31000 - 0x317FF. Prior to configuring any of these memories, the user has to select one of the memories by writ-
ing into the appropriate memory select bit in address 0x30917 (SPIA) and 0x30A17 (SPIB).
All interrupts on ORSPI4 are maskable and edge generated. Each interrupt source has a corresponding status
latch bit that can be viewed as software status register bits. At the end of a status register read, both the status and
edge-triggered interrupt register will be cleared. If the active interrupt condition still persists after the status register
read, the status register will continue to show this condition but the edge-triggered interrupt register will remain
clear not causing another interrupt.
Every interrupt or status register bit has an interrupt enable bit that must be set to ‘1’ to generate the associated
interrupt or read the status. Each interrupt enable for the DPRAMs in SPIA and SPI4 blocks controls or enables
eight interrupt sources. These enable registers are at register address 30912, 30943, (SPIA) 30A12, and 30A43
(SPIB). These 32 bits enable/disable 256 interrupts. All other interrupt enables are unique to an interrupt source.
To make the interrupt structure user-friendly, two special top-level interrupt registers are provided. Each of the bits
in these top-level interrupt registers point to specific functional blocks that caused an interrupt. The user can poll
these top-level interrupt registers to check which block has caused an interrupt and then poll the relevant lower-
level interrupts corresponding to a block. Each of the bits in the top-level interrupt status register 30B29 shown in
Table 46 point to a specific functional block in the ORSPI4 device. Each of the bits in the SPIA or SPIB DPRAM top-
level interrupt status register 30B2A is the collective OR of its associated lower-level interrupts.
Figure 87. SPI4 Core Programming Addresses in ORSPI4
FPGA
SYS_BUS
SLAVE_IF
Control & Status registers
To control SERDES
Channels
Control & Status registers
To control SPIA
Control & Status registers
To control SPIB
Global
Configuration
Memories
MEM_IF
308XX
309XX
30AXX
30BXX
CORE_IF
SPI4_IF
SPI4_IF
COMM_IF
3xxxx Hex Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com