Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ORSPI4 Datasheet(PDF) 171 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 171 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 167Page - Lattice Semiconductor ORSPI4 Datasheet HTML 168Page - Lattice Semiconductor ORSPI4 Datasheet HTML 169Page - Lattice Semiconductor ORSPI4 Datasheet HTML 170Page - Lattice Semiconductor ORSPI4 Datasheet HTML 171Page - Lattice Semiconductor ORSPI4 Datasheet HTML 172Page - Lattice Semiconductor ORSPI4 Datasheet HTML 173Page - Lattice Semiconductor ORSPI4 Datasheet HTML 174Page - Lattice Semiconductor ORSPI4 Datasheet HTML 175Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
171
30B2A
[0]
TX_INT_B
00
Signals that an enabled interrupt has come from TX DPRAM FIFOs for SPI4
core B. This is cleared when read and will only reassert when the underlying
event goes away and comes back.
[1]
RX_INT_B
Signals that an enabled interrupt has come from RX DPRAM FIFOs for SPI4
core B. This is cleared when read and will only reassert when the underlying
event goes away and comes back.
[2]
TX_INT_A
Signals that an enabled interrupt has come from TX DPRAM FIFOs for SPI4
core A. This is cleared when read and will only reassert when the underlying
event goes away and comes back.
[3]
RX_INT_A
Signals that an enabled interrupt has come from RX DPRAM FIFOs for SPI4
core B. This is cleared when read and will only reassert when the underlying
event goes away and comes back.
[4]
BANK_3_INT
Signals that an enabled interrupt has come from DPRAM bank 3 FIFOs (or
both SPI4 blocks, both TX and RX flags). This is cleared when read and will
only reassert when the underlying event goes away and comes back.
[5]
BANK_2_INT
Signals that an enabled interrupt has come from DPRAM bank 2 FIFOs (or
both SPI4 blocks, both TX and RX flags). This is cleared when read and will
only reassert when the underlying event goes away and comes back.
[6]
BANK_1_INT
Signals that an enabled interrupt has come from DPRAM bank 1 FIFOs (or
both SPI4 blocks, both TX and RX flags). This is cleared when read and will
only reassert when the underlying event goes away and comes back.
[7]
BANK_0_INT
Signals that an enabled interrupt has come from DPRAM bank 0 FIFOs (or
both SPI4 blocks, both TX and RX flags). This is cleared when read and will
only reassert when the underlying event goes away and comes back.
30B2B
[0:7]
COM_SPARE_S
00
Spare common status bits
Embedded Control Memory Access (31000-31FFF)
31000
[0:7]
data[7:0]
00
Embedded control memories are accessed when register addresses 3100-
31FFF are written or read. The address passed to the embedded memories
is the lower 12 bits of the register address. Writing to a register address in
this range causes data to be transferred to the selected embedded memo-
ries. More than one memory can be written with a single operation by having
multiple select bits active. The select bits are 30917 and 30A17 registers.
Reading from a register address in this range causes the data in the mem-
ory selected to appear. The following priority rules apply to the selection of
which memory is read from.
(1) 30917 bits take precedence over bits in the 30A17 register.
(2) lower bit numbers take precedence over higher bit numbers within a reg-
ister.
Table 47. Memory Map (Continued)
(0x)
Abso-
lute
Address
Bit
Name
Reset
Value
(0x)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com