Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72334J2TA/XXX Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST72334J2TA/XXX
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72334J2TA/XXX Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST72334J2TA/XXX Datasheet HTML 37Page - STMicroelectronics ST72334J2TA/XXX Datasheet HTML 38Page - STMicroelectronics ST72334J2TA/XXX Datasheet HTML 39Page - STMicroelectronics ST72334J2TA/XXX Datasheet HTML 40Page - STMicroelectronics ST72334J2TA/XXX Datasheet HTML 41Page - STMicroelectronics ST72334J2TA/XXX Datasheet HTML 42Page - STMicroelectronics ST72334J2TA/XXX Datasheet HTML 43Page - STMicroelectronics ST72334J2TA/XXX Datasheet HTML 44Page - STMicroelectronics ST72334J2TA/XXX Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 150 page
background image
ST72334xx-Auto, ST72314xx-Auto, ST72124Jx-Auto
41/150
I/O PORTS (Cont’d)
Figure 25. I/O Port General Block Diagram
Table 7. I/O Port Mode Options
Legend: NI - not implemented
Off - implemented not activated
On - implemented and activated
Note: The diode to VDD is not implemented in the
true open drain pads. A local protection between
the pad and VSS is implemented to protect the de-
vice against positive stress.
Configuration Mode
Pull-Up
P-Buffer
Diodes
to VDD
to VSS
Input
Floating with/without Interrupt
Off
Off
On
On
Pull-up with/without Interrupt
On
Output
Push-pull
Off
On
Open Drain (logic level)
Off
True Open Drain
NI
NI
NI (see note)
DR
DDR
OR
PAD
VDD
ALTERNATE
ENABLE
ALTERNATE
OUTPUT
1
0
OR SEL
DDR SEL
DR SEL
PULL-UP
CONFIGURATION
P-BUFFER
(see table below)
N-BUFFER
PULL-UP
(see table below)
1
0
ANALOG
INPUT
If implemented
ALTERNATE
INPUT
VDD
DIODES
(see table below)
FROM
OTHER
BITS
EXTERNAL
SOURCE (eix)
INTERRUPT
POLARITY
SELECTION
CMOS
SCHMITT
TRIGGER
REGISTER
ACCESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More