Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA323W Datasheet(PDF) 58 Page - STMicroelectronics

Part # STA323W
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 54Page - STMicroelectronics STA323W Datasheet HTML 55Page - STMicroelectronics STA323W Datasheet HTML 56Page - STMicroelectronics STA323W Datasheet HTML 57Page - STMicroelectronics STA323W Datasheet HTML 58Page - STMicroelectronics STA323W Datasheet HTML 59Page - STMicroelectronics STA323W Datasheet HTML 60Page - STMicroelectronics STA323W Datasheet HTML 61Page - STMicroelectronics STA323W Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 77 page
background image
Register descriptions
STA323W
58/77
7.11.4
Limiter 2 attack/release threshold (address 0x15)
7.11.5
Dynamics control description
The STA323W includes two independent limiter blocks. The purpose of the limiters is to
automatically reduce the dynamic range of a recording to prevent the outputs from clipping
in anti-clipping mode, or to actively reduce the dynamic range for a better listening
environment (such as a night-time listening mode, which is often needed for DVDs.) The two
modes are selected via the DRC bit in Configuration Register D, bit 5 address 0x03. Each
channel can be mapped to Limiter1 or Limiter2, or not mapped.
If a channel is not mapped, that channel will clip normally when 0 dB FS is exceeded. Each
limiter will look at the present value of each channel that is mapped to it, select the
maximum absolute value of all these channels, perform the limiting algorithm on that value,
and then, if needed, adjust the gain of the mapped channels in unison.
The limiter attack thresholds are determined by the LxAT registers. When the Attack
Threshold has been exceeded, the limiter, when active, automatically starts reducing the
gain. The rate at which the gain is reduced when the attack threshold is exceeded is
dependent upon the attack rate register setting for that limiter. A peak-detect algorithms
used to control the gain reduction.
The release of limiter, when the gain is again increased, is dependent on an RMS-detect
algorithm. The output of the volume limiter block is passed through an RMS filter. The output
of this filter is compared with the release threshold, determined by the Release Threshold
register.
When the RMS filter output falls below the release threshold, the gain is increased at a rate
dependent upon the release rate register. The gain can never be increased past its set value
and therefore the release will only occur if the limiter has already reduced the gain. The
release threshold value can be used to set what is effectively a minimum dynamic range.
This is helpful as over-limiting can reduce the dynamic range to virtually zero and cause
program material to sound “lifeless”.
In AC mode the attack and release thresholds are set relative to full-scale. In DRC mode the
attack threshold is set relative to the maximum volume setting of the channels mapped to
that limiter and the release threshold is set relative to the maximum volume setting plus the
attack threshold.
Figure 48.
Basic limiter and volume flow diagram
D7
D6
D5
D4
D3
D2
D1
D0
L2AT3
L2AT2
L2AT1
L2AT0
L2RT3
L2RT2
L2RT1
L2RT0
01
10
100
1
Gain
Attenuation
Saturation
Output
Input
Gain/volume
Limiter
RMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com