Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA335BWQS Datasheet(PDF) 49 Page - STMicroelectronics

Part # STA335BWQS
Description  2.1-channel high-efficiency digital audio system with QSound QHD
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335BWQS Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STA335BWQS Datasheet HTML 45Page - STMicroelectronics STA335BWQS Datasheet HTML 46Page - STMicroelectronics STA335BWQS Datasheet HTML 47Page - STMicroelectronics STA335BWQS Datasheet HTML 48Page - STMicroelectronics STA335BWQS Datasheet HTML 49Page - STMicroelectronics STA335BWQS Datasheet HTML 50Page - STMicroelectronics STA335BWQS Datasheet HTML 51Page - STMicroelectronics STA335BWQS Datasheet HTML 52Page - STMicroelectronics STA335BWQS Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
STA335BWQS
Register description
49/72
7.9.4
Binary output enable registers
Each individual channel output can be set to output a binary PWM stream. In this mode
output A of a channel is considered the positive output and output B is negative inverse.
CnBO:
0: DDX 3-state output - normal operation
1: Binary output
7.9.5
Limiter select
Limiter selection can be made on a per-channel basis according to the channel limiter select
bits.
.
7.9.6
Output mapping
Output mapping can be performed on a per channel basis according to the CnOM channel
output mapping bits. Each input into the output configuration engine can receive data from
any of the three processing channel outputs.
.
Table 59.
Channel limiter mapping as a function of CnLS bits
CnLS[1,0]
Channel limiter mapping
00
Channel has limiting disabled
01
Channel is mapped to limiter #1
10
Channel is mapped to limiter #2
Table 60.
Channel output mapping as a function of CnOM bits
CnOM[1,0]
Channel n output source from
00
Channel 1
01
Channel 2
10
Channel 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com