Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA335BWS13TR Datasheet(PDF) 45 Page - STMicroelectronics

Part # STA335BWS13TR
Description  2.1-channel high-efficiency digital audio system
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335BWS13TR Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STA335BWS13TR Datasheet HTML 41Page - STMicroelectronics STA335BWS13TR Datasheet HTML 42Page - STMicroelectronics STA335BWS13TR Datasheet HTML 43Page - STMicroelectronics STA335BWS13TR Datasheet HTML 44Page - STMicroelectronics STA335BWS13TR Datasheet HTML 45Page - STMicroelectronics STA335BWS13TR Datasheet HTML 46Page - STMicroelectronics STA335BWS13TR Datasheet HTML 47Page - STMicroelectronics STA335BWS13TR Datasheet HTML 48Page - STMicroelectronics STA335BWS13TR Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
STA335BWS
Register description
45/68
6.8.3
AM interference frequency switching
6.8.4
Bass management crossover
Bit
R/W
RST
Name
Description
0
R/W
0
AMAME
AutoMode AM Enable
0: Switching frequency determined by PWMS setting
1: Switching frequency determined by AMAM settings
Table 20.
AutoMode AM switching frequency selection
AMAM[2:0]
48 kHz/96 kHz Input Fs
44.1 kHz/88.2 kHz Input Fs
000
0.535 MHz - 0.720 MHz
0.535 MHz - 0.670 MHz
001
0.721 MHz - 0.900 MHz
0.671 MHz - 0.800 MHz
010
0.901 MHz - 1.100 MHz
0.801 MHz - 1.000 MHz
011
1.101 MHz - 1.300 MHz
1.001 MHz - 1.180 MHz
100
1.301 MHz - 1.480 MHz
1.181 MHz - 1.340 MHz
101
1.481 MHz - 1.600 MHz
1.341 MHz - 1.500 MHz
110
1.601 MHz - 1.700 MHz
1.501 MHz - 1.700 MHz
Bit
R/W
RST
Name
Description
4R/W
0
XO0
Selects the bass-management crossover frequency.
A 1st-order hi-pass filter (channels 1 and 2) or a
2nd-order lo-pass filter (channel 3) at the selected
frequency is performed.
5R/W
0
XO1
6R/W
0
XO2
7R/W
0
XO3
Table 21.
Bass management crossover frequency
XO[3:0]
Crossover frequency
0000
User-Defined
0001
80 Hz
0010
100 Hz
0011
120 Hz
0100
140 Hz
0101
160 Hz
0110
180 Hz
0111
200 Hz
1000
220 Hz
1001
240 Hz
1010
260 Hz
1011
280 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com