Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA506A Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA506A
Description  45V 4A QUAD POWER HALF BRIDGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA506A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA506A Datasheet HTML 6Page - STMicroelectronics STA506A Datasheet HTML 7Page - STMicroelectronics STA506A Datasheet HTML 8Page - STMicroelectronics STA506A Datasheet HTML 9Page - STMicroelectronics STA506A Datasheet HTML 10Page - STMicroelectronics STA506A Datasheet HTML 11Page - STMicroelectronics STA506A Datasheet HTML 12Page - STMicroelectronics STA506A Datasheet HTML 13Page - STMicroelectronics STA506A Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
STA506A
12/14
Figure 16. Power SO36 (Slug Up) Mechanical Data & Package Dimensions
OUTLINE AND
MECHANICAL DATA
M.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
3.25
3.43
0.128
0.135
A2
3.1
3.2
0.122
0.126
A4
0.8
1
0.031
0.039
A5
0.2
0.008
a1
0.030
-0.040
0.0011
-0.0015
b
0.22
0.38
0.008
0.015
c
0.23
0.32
0.009
0.012
D
15.8
16
0.622
0.630
D1
9.4
9.8
0.37
0.38
D2
1
0.039
E
13.9
14.5
0.547
0.57
E1
10.9
11.1
0.429
0.437
E2
2.9
0.114
E3
5.8
6.2
0.228
0.244
E4
2.9
3.2
0.114
1.259
e0.65
0.026
e3
11.05
0.435
G
0
0.075
0
0.003
H
15.5
15.9
0.61
0.625
h
1.1
0.043
L
0.8
1.1
0.031
0.043
N
10˚
10˚
s8 ˚8˚
(1) “D and E1” do not include mold flash or protusions.
Mold flash or protusions shall not exceed 0.15mm (0.006”)
(2) No intrusion allowed inwards the leads.
DI
PowerSO36 (SLUG UP)
7183931 D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com