Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA529 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA529
Description  2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA529 Datasheet HTML 11Page - STMicroelectronics STA529 Datasheet HTML 12Page - STMicroelectronics STA529 Datasheet HTML 13Page - STMicroelectronics STA529 Datasheet HTML 14Page - STMicroelectronics STA529 Datasheet HTML 15Page - STMicroelectronics STA529 Datasheet HTML 16Page - STMicroelectronics STA529 Datasheet HTML 17Page - STMicroelectronics STA529 Datasheet HTML 18Page - STMicroelectronics STA529 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
STA529
Digital processing
15/58
4
Digital processing
The STA529 processor block is a digital block providing two channels of audio processing
and channel-mapping capability.
4.1
Signal processing flow
I2S or stereo ADC data can be selected. The I2S frequency range is from 8 kHz to 192 kHz.
ADC sampling frequency can be selected from 8 kHz to 48 kHz.
4.2
I2C interface disabled
When pin I2CDIS = 1, the SDA, SCL, LRCLKO and BICLKO pins can be pulled high or low
to change certain parameters of operation.
●
SDA = 0: FFX input comes from ADC
SDA = 1: FFX input comes from digital audio interface
●
SCL = 0: binary output mode (binary soft start/stop enabled)
SCL = 1: phase shift output mode
●
LRCLKO = 0: no volume change
LRCLKO = 1: volume up
●
BICLKO = 0: no volume change
BICLKO = 1: volume down
At power up, the master volume is set to -60 dB. When holding pin LRCLKO = 1 and pin
BICLKO = 1 simultaneously, the master volume is set to 0 dB. A high pulse on pin LRCLKO
causes a master volume change of +0.5 dB and a high pulse on pin BICLKO causes a
master volume change of -0.5 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com