Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA680Q Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA680Q
Description  HD Radio base-band receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680Q Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA680Q Datasheet HTML 4Page - STMicroelectronics STA680Q Datasheet HTML 5Page - STMicroelectronics STA680Q Datasheet HTML 6Page - STMicroelectronics STA680Q Datasheet HTML 7Page - STMicroelectronics STA680Q Datasheet HTML 8Page - STMicroelectronics STA680Q Datasheet HTML 9Page - STMicroelectronics STA680Q Datasheet HTML 10Page - STMicroelectronics STA680Q Datasheet HTML 11Page - STMicroelectronics STA680Q Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
System overview
STA680
8/43
2.1
HD Radio processing
The STA680 HD Radio Decoder does the processing of the IBOC signal. It receives a
complex digital signal from an AM/FM IF channel signal processor. The native sample rate is
744.1875 kS/s for FM and 46.51171875 kS/s for AM. However, other input sample rates are
acceptable because of the sample rate converter in the base-band Interface (BBI). These
include: 650 kS/s, 675 kS/s, 882 kS/s and 912 kS/s. If a base-band signal is provided that is
not at the native sample frequency of 744.1875 kHz it must be sample rate converted to this
rate. Sample rate conversion hardware is provided on-chip to support this. This feature
allows the STA680 to operate with various AM/FM front-ends.
The STA680is then responsible for detection, acquisition, and demodulation of the IBOC
signal. Such function is primarily implemented by the Vectra DSP core. The demodulated
signal is then passes to the Hi-Fi processor, for decoding, audio blending and handling of
data services. A digital 44.1 kHz decompressed audio is output via the Digital Audio
Interface.
The STA680 uses sophisticated algorithms to recover IBOC data even in the presence of
signal impairments including fading and a variety of other interferences.
To process the HD Radio stream STA680 requires a 4Mx16 external SDRAM (with up to
32Mx16 supported) for data storage.
2.2
Dual stream HD Radio processing
STA680 is capable to simultaneously demodulate two different HD Radio streams. This
unique feature enables the device to decode an HD Radio audio stream, in parallel with any
data service broadcasted by a different radio channel. The implementation of the dual
stream HD Radio processing requires that two AM/FM RF tuners are connected to the
STA680.
In a single channel implementation a single RF tuner is used. In such configuration STA680
is able to demodulate at the same time both the audio and the data associated with the radio
channel (i.e. 92.5 MHz or 102.5 MHz). This means that if the user sets the tuner 102.5 MHz,
he or she can listed to FM2 audio and receive traffic information broadcasted on that
channel. At the same time if the user tunes to another frequency (FM1), current traffic
information will be lost.
Figure 3.
Single channel application
FM1
Audio
FM1
News
FM 1
FM1
Audio
FM1
News
FM 1
FM2
Audio
FM2
Traffic
FM 2
FM2
Audio
FM2
Traffic
FM 2
92.5
102.5
MHz
FM1 News
FM1
Audio
FM1 News
FM1
Audio
FM2 Traffic
FM2
Audio
FM2 Traffic
FM2
Audio
OR
Data received are bound to the selected Audio channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com