| Electronic Components Datasheet Search |
|
ST72334J2TC/XXX Datasheet(PDF) 88 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72334J2TC/XXX Datasheet(HTML) 88 Page - STMicroelectronics |
|
88 / 150 page ![]() ST72334xx-Auto, ST72314xx-Auto, ST72124Jx-Auto 88/150 SERIAL COMMUNICATIONS INTERFACE (Cont’d) 13.5.5 Functional Description The block diagram of the Serial Control Interface, is shown in Figure 47. It contains six dedicated registers: – 2 control registers (CR1 and CR2) – A status register (SR) – A baud rate register (BRR) – An extended prescaler receiver register (ERPR) – An extended prescaler transmitter register (ETPR) Refer to the register descriptions in Section 13.5.8 for the definitions of each bit. 13.5.5.1 Serial Data Format Word length may be selected as being either 8 or 9 bits by programming the M bit in the CR1 register (see Figure 47). The TDO pin is in low state during the start bit. The TDO pin is in high state during the stop bit. An Idle character is interpreted as an entire frame of “1”s followed by the start bit of the next frame which contains data. A Break character is interpreted on receiving ‘0’s for some multiple of the frame period. At the end of the last break frame the transmitter inserts an ex- tra ‘1’ bit to acknowledge the start bit. Transmission and reception are driven by their own baud rate generator. Figure 48. Word length programming Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6 Bit7 Bit8 Start Bit Stop Bit Next Start Bit Idle Frame Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6 Bit7 Start Bit Stop Bit Next Start Bit Start Bit Idle Frame Start Bit 9-bit Word length (M bit is set) 8-bit Word length (M bit is reset) Possible Parity Bit Possible Parity Bit Break Frame Start Bit Extra ‘1’ Data Frame Break Frame Start Bit Extra ‘1’ Data Frame Next Data Frame Next Data Frame |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |