Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP5520 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP5520
Description  Backlight Driver with I/O Expander
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5520 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP5520 Datasheet HTML 17Page - Analog Devices ADP5520 Datasheet HTML 18Page - Analog Devices ADP5520 Datasheet HTML 19Page - Analog Devices ADP5520 Datasheet HTML 20Page - Analog Devices ADP5520 Datasheet HTML 21Page - Analog Devices ADP5520 Datasheet HTML 22Page - Analog Devices ADP5520 Datasheet HTML 23Page - Analog Devices ADP5520 Datasheet HTML 24Page - Analog Devices ADP5520 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
ADP5520
Rev. 0 | Page 21 of 40
REGISTER MAP
All registers are 0 on reset. Unused bits are read as 0.
Table 7.
Register
Address
Register Name
Register Description
0x00
MODE_STATUS
Sets device operating mode. Contains enables for backlight on/dim. Contains top-level interrupt
status bits.
0x01
INTERRUPT_ENABLE
Contains enables for allowing interrupts to assert nINT.
0x02
BL_CONTROL
Sets parameters relating to backlight control.
0x03
BL_TIME
Contains backlight off and dim timers.
0x04
BL_FADE
Contains backlight fade-in and fade-out timers.
0x05
DAYLIGHT_MAX
Sets daylight (L1) maximum current.
0x06
DAYLIGHT_DIM
Sets daylight (L1) dim current.
0x07
OFFICE_MAX
Sets office (L2) maximum current.
0x08
OFFICE_DIM
Sets office (L2) dim current.
0x09
DARK_MAX
Sets dark (L3) maximum current.
0x0A
DARK_DIM
Sets dark (L3) dim current.
0x0B
BL_VALUE
Read-only register of what the backlight is presently set to.
0x0C
ALS_CMPR_CFG
Sets enables and filters for ambient light sensor comparators. Contains comparator output status bits.
0x0D
L2_TRIP
Sets the light sensor comparator (L2_CMPR) threshold point.
0x0E
L2_HYS
Sets the light sensor comparator (L2_CMPR hysteresis.
0x0F
L3_TRIP
Sets the light sensor comparator (L3_CMPR) threshold point.
0x10
L3_HYS
Sets the light sensor comparator (L3_CMPR) hysteresis.
0x11
LED_CONTROL
Contains enables and configuration for the three auxiliary LED current sinks.
0x12
LED_TIME
Contains the on and off timers for the three auxiliary LED current sinks.
0x13
LED_FADE
Contains the fade-in and fade-out timers for the three auxiliary LED current sinks.
0x14
LED1_CURRENT
Sets the LED 1 (ILED) sink current.
0x15
LED2_CURRENT
Sets the LED 2 (C3) sink current.
0x16
LED3_CURRENT
Sets the LED 3 (R3) sink current.
0x17
GPIO_CFG_1
Configuration for I/O pins. (GPIOs or keypad matrix)
0x18
GPIO_CFG_2
Configuration for I/O pins. (GPIO direction, input or output)
0x19
GPIO_IN
Read-only register. Reflects the logic state of GPIO inputs.
0x1A
GPIO_OUT
Sets GPIO output logic drive level.
0x1B
GPIO_INT_EN
GPIO input interrupt enable.
0x1C
GPIO_INT_STAT
GPIO input interrupt status.
0x1D
GPIO_INT_LVL
Configures the GPIO input interrupt level that causes an interrupt (active high or low).
0x1E
GPIO_DEBOUNCE
GPIO input debounce enable/disable.
0x1F
GPIO_PULLUP
GPIO pull-up enable/disable.
0x20
KP_INT_STAT_1
Read only register. Contains interrupt status information for key presses on Key A through Key H.
0x21
KP_INT_STAT_2
Read-only register. Contains interrupt status information for key presses on Key I through Key P.
0x22
KR_INT_STAT_1
Read-only register. Contains interrupt status information for key releases on Key A through Key H.
0x23
KR_INT_STAT_2
Read-only register. Contains interrupt status information for key releases on Key I through Key P.
0x24
KEY_STAT_1
Read-only register. Reflects the present state of Key A through Key H.
0x25
KEY_STAT_2
Read-only register. Reflects the present state of Key I through Key P.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com