Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE3800 Datasheet(PDF) 136 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button ADE3800_05 Datasheet HTML 130Page - STMicroelectronics ADE3800_05 Datasheet HTML 131Page - STMicroelectronics ADE3800_05 Datasheet HTML 132Page - STMicroelectronics ADE3800_05 Datasheet HTML 133Page - STMicroelectronics ADE3800_05 Datasheet HTML 134Page - STMicroelectronics ADE3800_05 Datasheet HTML 135Page - STMicroelectronics ADE3800_05 Datasheet HTML 136Page - STMicroelectronics ADE3800_05 Datasheet HTML 137Page - STMicroelectronics ADE3800_05 Datasheet HTML 138Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 136 / 138 page
background image
Glossary
ADE3800
136/138
9
Glossary
AFE
Analog Front End, this includes the ADC and SOG circuitries
Bare Panel
see Smart Panel
bpp
bit per pixels (OSD Font: 4bpp = 16 color characters)
DFT
design For Test block to output certain internal signals (otherwise not available)
in_enab
in_henab & in_venab = Input active area signal*
in_henab
input horizontal active pixel signal*
in_venab
input vertical active line signal*
LVDS
low voltage differential signaling video interface to LCD panel
out_enab
out_henab & out_venab = Output panel active area signal*
out_henab
output panel horizontal active pixel signal*
out_venab
output panel vertical active line signal*
ppc
pixels per clock (2 ppc = dual wide panel bus interface)
PVT
parameters that depend on Process (chip), Voltage (power) and Temperature
(board)
RSDS
reduced swing differential signaling video interface to LCD panel
SIP Panel
see Smart Panel
Smart Panel
panel without built-in TCON using TTL or RSDS input video interface, additional
timing signals must be provided for proper operation.
SOG
sync on Green type signal
sRGB
standard RGB, color matching between display and real life
SRTD
Set-Reset-Toggle-Delay programmable gate in TCON
Standard Panel panel with built-in TCON using LVDS or TTL input video interface
TCON
timing controller function
TMDS
transition minimized differential signaling video interface from DVI digital video
input
* All enab type signals are active high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com