Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE3800 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ADE3800_05 Datasheet HTML 33Page - STMicroelectronics ADE3800_05 Datasheet HTML 34Page - STMicroelectronics ADE3800_05 Datasheet HTML 35Page - STMicroelectronics ADE3800_05 Datasheet HTML 36Page - STMicroelectronics ADE3800_05 Datasheet HTML 37Page - STMicroelectronics ADE3800_05 Datasheet HTML 38Page - STMicroelectronics ADE3800_05 Datasheet HTML 39Page - STMicroelectronics ADE3800_05 Datasheet HTML 40Page - STMicroelectronics ADE3800_05 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 138 page
background image
37/138
ADE3800
Register Description by Block
4.7.2
Input Sync - Measurement
One set of (HSync, vsync) can be selected for measurement.
Software can request measurements in one of two ways:
● One shot – one time measurement
● Free Run – continuously running measurements.
The measurement block also compares the measured sync signals to programmable limits.
● Xclks per vsync different by more than +/- 2^(xclk_vtol_exp[3:0])
● Xclks per HSync different by more than +/- 2^(xclk_htol_exp[3:0])
● HSyncs per vsync different by more than +/- HSync_vtol[3:0]
● polarity.
Range check flags will be set when the measurements exceed the programmed tolerances. The
flags will be updated on the completion of each measurement in Free Run mode. The flags
maintain their state at the completion of a measurement while in One Shot mode. When a
measurement is started (asserting the Measurement Start bit) the range check flags are cleared.
There are timeout registers to detect the absence of sync signals.
The measurement block registers are grouped into four main categories:
● Timeouts & Tolerances
● Measurements (obtained by a one-shot or free-run mode of operation)
● Reference values
● Flags (indicators that measurements have timed out or measurements compared to reference
values exceed tolerances).
4.7.3
Fast Mute
The fast mute block continuously monitors one selected HSync signal and compares its period with
an independent reference value and tolerance. A fast mute flag is set as soon as the measured
period is outside the tolerance for more than 1, 2 or 3 times in a row.
The fastmute range check flag can be combined with other reference checking flags with a mask-or
function to make a sticky bit to mute the screen rapidly in the event of a mode change or dropped
signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com