Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE3800XT Datasheet(PDF) 44 Page - STMicroelectronics

Part # ADE3800XT
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800XT Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ADE3800XT Datasheet HTML 40Page - STMicroelectronics ADE3800XT Datasheet HTML 41Page - STMicroelectronics ADE3800XT Datasheet HTML 42Page - STMicroelectronics ADE3800XT Datasheet HTML 43Page - STMicroelectronics ADE3800XT Datasheet HTML 44Page - STMicroelectronics ADE3800XT Datasheet HTML 45Page - STMicroelectronics ADE3800XT Datasheet HTML 46Page - STMicroelectronics ADE3800XT Datasheet HTML 47Page - STMicroelectronics ADE3800XT Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 138 page
background image
Register Description by Block
ADE3800
44/138
Synthesized signals are generated relative to the reference signal and selected edge.
Clean picture position wrap around is supported in both horizontal and vertical directions (+/- half a
line in horizontal and +/- half a frame in vertical).
Programmed position and size values must be less than the respective horizontal and vertical totals.
Figure 8: Block Diagram
Table 18: Sync Multiplexer Registers (Sheet 1 of 3)
Register Name
Addr
Mode
Bits
Rst
Description
SMUX_CTRL_0
0200
R
[7]
00
toggle on vsync edge as programmed in bit 5
R/W
[6]
0*: clamp on all lines
1: clamp not during coast
R/W
[5]
v edge select
0*: falling
1: rising
R/W
[4]
h edge select
0*: falling
1: rising
R/W
[3:0]
input select
0*: llk_HSync, srt_vsync (normal)
1: HSYNC input signal, VSYNC input signal
2-E: reserved
F: HSync = TCON.SRTD6 output
VSync = TCON.SRTD7 output
input
signals
internal
signal
selector
output
signal
selector
output
signals
in_sel
ctrl1[3:0]
H,V
reference
signals
out_sel
hcount
vcount



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com