Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE3800SXL Datasheet(PDF) 47 Page - STMicroelectronics

Part # ADE3800SXL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800SXL Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ADE3800SXL Datasheet HTML 43Page - STMicroelectronics ADE3800SXL Datasheet HTML 44Page - STMicroelectronics ADE3800SXL Datasheet HTML 45Page - STMicroelectronics ADE3800SXL Datasheet HTML 46Page - STMicroelectronics ADE3800SXL Datasheet HTML 47Page - STMicroelectronics ADE3800SXL Datasheet HTML 48Page - STMicroelectronics ADE3800SXL Datasheet HTML 49Page - STMicroelectronics ADE3800SXL Datasheet HTML 50Page - STMicroelectronics ADE3800SXL Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 138 page
background image
47/138
ADE3800
Register Description by Block
4.9
Data Measurement (DMEAS)
DMEAS provides a number of pixel measurement functions for autosetup (find the best phase, ADC
sampling clock, picture auto-position) and autocolor (autolevel, ADC analog range tuning for black
and white calibration).
Most DMEAS measurement functions are performed within a programmable input image boundary
defined by the top left and bottom right window coordinate registers. The image boundary can be
full screen.
DMEAS also includes an annex block called DE Size and is decribed at the end of this spec.
All unused or reserved bits will return as zero.
The DMEAS block only processes the 7 MSBs of the 10 bit ADC outputs. Consequently the
maximum pixel value seen by DMEAS is FE.
The horizontal and vertical position measurements are relative to the selected reference sync
edges and must be offset before programming SMUX image position, refer to Chapter 4.8: Sync
Multiplexer (SMUX) for more information.
4.9.1
Function Summary
The algorithms grouped together are executed simultaneously.
The Color, Threshold, Mode Control, Window Control, and Output registers are shared for all
measurements, and are used according to the algorithm selected to measure.
4.9.2
Window Control
All measurements occur within a window in a single frame. The window is defined by the upper left
(min_x, min_y) and lower right (max_x, max_y) corners (inclusive). Window coordinates are relative
to Sync pulses. A window defined from (0,0) – (FFF, FFF) would go from sync to sync (full screen).
The sync reference edge selection is programmable.
4.9.3
Algorithm Control
The available measurements are described in detail below. Most algorithms can be run over each or
all color channels. Most algorithms also contain a threshold value to zero out noise and / or amplify
edges.
Algorithm
Mode Ctrl
Result
Color
Thresh
Window Control
Edge Intensity 00
Pixel Sum 00
One Shot
One Shot
32 bit edge_out
32 bit psum_out
R/G/B/All
R/G/B/All
Yes
No
Yes
Yes
Min / Max 01
Pcd 01
One Shot
One Shot
8 bit min / 8 bit max 24
bit pcd_out
R/G/B/All
R/G/B/All
No
Yes
Yes
Yes
Hpos / Vpos 02
One Shot
12 bit Hpos_Min
12 bit Hpos_Max
12 bit Vpos_Min
12 bit Vpos_Max
All
Yes
Yes
De_Size 03
One Shot /
Free Run
16 bit De_Size_out
1 bit De_Mismatch
None
No
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com