| Electronic Components Datasheet Search |
|
FLI8668 Datasheet(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
FLI8668 Datasheet(HTML) 4 Page - STMicroelectronics |
|
4 / 7 page ![]() Feature attributes FLI8668 4/7 ● Faroudja Truelife video enhancer – High performance and programmable sharpening filters with noise coring – Non-linear luma and chroma enhancement – Removal of the DVD Chroma Upsampling Error (CUE) – Blue stretch – Flesh-tone correction ● Advanced Color Management (ACM-II) – 10-bit ACM-II provides flesh-tone compensation and image enhancement – 10-bit ACC ensures full dynamic range is used in video content ● Picture-in-Picture (PIP) – Dynamic scaling for advanced PIP transitions – Video PIP over full screen graphics and video backgrounds – Graphics PIP over full screen video background – Side-by-side window support – DCDi Edge® processing for second channel window ● Output formats – Dual-channel and 30-bit TTL output – Dual-channel 10-bit LVDS transmitters for direct connection to LCD modules – 24-bit 4:2:2 YUV TTL output – 12 bpc ● Other features – Integrated infrared decoder – Integrated low bandwidth ADC with 6 input channels – 4 integrated PWM outputs for LCD backlight control – Integrated I2S audio delay to exact audio and video synchronization – DDR400, DDR450, and DDR466 memory speeds supported – Memory size is flexible up to 512 Mb – Reduces LCD video smearing artifacts |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |