Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT162500ATPVCG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74FCT162500ATPVCG4
Description  18-Bit Registered Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74FCT162500ATPVCG4 Datasheet(HTML) 1 Page - Texas Instruments

  74FCT162500ATPVCG4 Datasheet HTML 1Page - Texas Instruments 74FCT162500ATPVCG4 Datasheet HTML 2Page - Texas Instruments 74FCT162500ATPVCG4 Datasheet HTML 3Page - Texas Instruments 74FCT162500ATPVCG4 Datasheet HTML 4Page - Texas Instruments 74FCT162500ATPVCG4 Datasheet HTML 5Page - Texas Instruments 74FCT162500ATPVCG4 Datasheet HTML 6Page - Texas Instruments 74FCT162500ATPVCG4 Datasheet HTML 7Page - Texas Instruments 74FCT162500ATPVCG4 Datasheet HTML 8Page - Texas Instruments 74FCT162500ATPVCG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
18-Bit Registered Transceivers
CY74FCT16500T
CY74FCT162500T
SCCS056A - August 1994 - Revised October 2001
Data sheet acquired from Cypress Semiconductor Corporation.
Data sheet modified to remove devices not offered.
Copyright
© 2001, Texas Instruments Incorporated
Features
• FCT-C speed at 4.6 ns
•Ioff supports partial-power- mode operation
• Edge-rate control circuitry for significantly improved
noise characteristics
• Typical output skew < 250 ps
• ESD > 2000V
• TSSOP (19.6-mil pitch) and SSOP (25-mil pitch)
packages
• Industrial temperature range of
−40˚C to +85˚C
•VCC = 5V ± 10%
CY74FCT16500T Features:
• 64 mA sink current, 32 mA source current
• Typical VOLP (ground bounce) <1.0V at VCC = 5V,
TA = 25˚C
CY74FCT162500T Features:
• Balanced 24 mA output drivers
• Reduced system switching noise
• Typical VOLP (ground bounce) <0.6V at VCC = 5V,
TA= 25˚C
Functional Description
These 18-bit universal bus transceivers can be operated in
transparent, latched, or clock modes by combining D-type
latches and D-type flip-flops. Data flow in each direction is
controlled by output-enable (OEAB and OEBA), latch enable
(LEAB and LEBA), and clock inputs (CLKAB and CLKBA)
inputs. For A-to-B data flow, the device operates in transparent
mode when LEAB is HIGH. When LEAB is LOW, the A data is
latched if CLKAB is held at a HIGH or LOW logic level. If LEAB
is LOW, the A bus data is stored in the latch/flip-flop on the
HIGH-to-LOW transition of CLKAB. OEAB performs the output
enable function on the B port. Data flow from B-to-A is similar
to that of A-to-B and is controlled by OEBA, LEBA, and
CLKBA.
This
device
is
fully
specified
for
partial-power-down
applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device
when it is powered down.
The
CY74FCT16500T
is
ideally
suited
for
driving
high-capacitance loads and low-impedance backplanes.
The CY74FCT162500T has 24-mA balanced output drivers
with current limiting resistors in the outputs. This reduces the
need for external terminating resistors and provides for
minimal undershoot and reduced ground bounce. The
CY74FCT162500T is ideal for driving transmission lines.
GND
Logic Block Diagram
1
2
3
4
5
6
7
8
9
10
11
12
33
32
31
30
29
36
35
OEAB
34
SSOP/TSSOP
Top View
13
14
15
16
17
18
19
20
21
22
23
24
45
44
43
42
41
37
38
39
40
48
47
46
LEAB
A1
A2
A3
B1
B2
B3
GND
GND
GND
VCC
A6
A7
A4
A5
B4
B5
B6
B7
VCC
GND
A10
A11
A8
A9
B8
B9
B11
B12
GND
A12
VCC
A16
GND
A14
VCC
A15
A17
FCT16500-1
TO 17 OTHER CHANNELS
LEAB
OEBA
LEBA
CLKAB
CLKBA
OEAB
C
D
C
D
C
D
C
D
A1
B1
25
26
27
28
49
52
51
50
A13
OEBA
LEBA
GND
A18
CLKAB
53
56
55
54
B10
GND
B14
B15
B13
B16
B17
GND
B18
CLKBA
FCT16500-2


Similar Part No. - 74FCT162500ATPVCG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74FCT162500ATPVCT TI-74FCT162500ATPVCT Datasheet
63Kb / 6P
18-Bit Registered Transceivers
More results

Similar Description - 74FCT162500ATPVCG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163501 TI-CY74FCT163501 Datasheet
67Kb / 9P
18-Bit Registered Transceivers
CY74FCT16500T TI-CY74FCT16500T Datasheet
63Kb / 6P
18-Bit Registered Transceivers
CY74FCT16501T TI-CY74FCT16501T Datasheet
66Kb / 8P
18-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
16-Bit Registered Transceivers
logo
Pericom Semiconductor C...
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
Fast CMOS 18-Bit Registered Transceivers
logo
Texas Instruments
CY74FCT16646T TI-CY74FCT16646T_08 Datasheet
315Kb / 15P
16-Bit Registered Transceivers
CY74FCT16652T TI-CY74FCT16652T Datasheet
315Kb / 16P
16-Bit Registered Transceivers
74ACT16475 TI1-74ACT16475 Datasheet
152Kb / 8P
18-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
CY74FCT16501T TI1-CY74FCT16501T_15 Datasheet
995Kb / 22P
18-Bit Registered Transceivers
CY74FCT16500T TI-CY74FCT16500T_V01 Datasheet
478Kb / 10P
18-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com