Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6204 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6204
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6204 Datasheet(HTML) 3 Page - STMicroelectronics

  L6204_03 Datasheet HTML 1Page - STMicroelectronics L6204_03 Datasheet HTML 2Page - STMicroelectronics L6204_03 Datasheet HTML 3Page - STMicroelectronics L6204_03 Datasheet HTML 4Page - STMicroelectronics L6204_03 Datasheet HTML 5Page - STMicroelectronics L6204_03 Datasheet HTML 6Page - STMicroelectronics L6204_03 Datasheet HTML 7Page - STMicroelectronics L6204_03 Datasheet HTML 8Page - STMicroelectronics L6204_03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
L6204
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
ELECTRICAL CHARACTERISTCS
Symbol
Parameter
Value
Unit
VS
Supply Voltage
50
V
VIN, VEN
Input or Enable Voltage Range
-0.3 to +7
V
Io
Pulsed Output Current
3
A
VSENSE
Sensing Voltage
-1 to 4
V
VBOOT
Bootstrap Supply
60
V
Ptot
Total power dissipation: (Tpins = 80°C)
(Tamb = 70°C no copper area on PCB)
(Tamb = 70°C 8cm2 copper area on PCB)
5
1.23
2
W
W
W
Tstg, Tj
Storage and Junction Temperature
-40 to 150
°C
Symbol
Parameter
SO
DIP
Unit
Rth j-pins
Thermal Resistance Junction-pins
Max
16
14
°C/W
Rth j-amb
Thermal Resistance Junction-ambient
Max
73
65
°C/W
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage
12
48
V
IS
Total Quiescent Current
EN1=EN2=H; IN1=IN2=IN3=IN4=L
EN1 = EN2 = L
10
10
mA
mA
fC
Commutation Frequency
20
KHz
TJ
Thermal Shutdown
150
°C
Td
Dead Time Protection
500
ns
TRANSISTORS
IDSS
Leakage Current
OFF
1
mA
RDS
On Resistance
ON
1.2
Ω
LOGIC LEVELS
VINL, VENL
Input Low Voltage
-0.3
0.8
V
VINH, VENH
Input High Voltage
2
7
V
IINL, IENL
Input Low Current
IN1 = IN2 = IN3 = IN4 = EN1 = EN2
= L
-10
µA
IINH, IENH
Input High Current
IN1 = IN2 = IN3 = IN4 = EN1 = EN2
= H
50
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com