Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E-L6219 Datasheet(PDF) 5 Page - STMicroelectronics

Part # E-L6219
Description  Stepper motor driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-L6219 Datasheet(HTML) 5 Page - STMicroelectronics

  E-L6219 Datasheet HTML 1Page - STMicroelectronics E-L6219 Datasheet HTML 2Page - STMicroelectronics E-L6219 Datasheet HTML 3Page - STMicroelectronics E-L6219 Datasheet HTML 4Page - STMicroelectronics E-L6219 Datasheet HTML 5Page - STMicroelectronics E-L6219 Datasheet HTML 6Page - STMicroelectronics E-L6219 Datasheet HTML 7Page - STMicroelectronics E-L6219 Datasheet HTML 8Page - STMicroelectronics E-L6219 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
L6219
Block diagram
5/16
1
Block diagram
Figure 1.
Block diagram
Table 2.
Absolute maximum rating
Parameter
Description
Value
Unit
Vs
Supply voltage
50
V
IO
Output current (peak)
±1
A
IO
Output current (continuous)
±0.75
A
Vss
Logic supply voltage
7
V
Vin
Logic input voltage range
-0.3 to +7
V
Vsense
Sense output voltage
1.5
V
Tj
Junction temperature
+150
°C
Top
Operating temperature range
-20 to +85
°C
Tstg
Storage temperature range
-55 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com