Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6226Q Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6226Q
Description  DMOS dual full bridge driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6226Q Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6226Q Datasheet HTML 6Page - STMicroelectronics L6226Q Datasheet HTML 7Page - STMicroelectronics L6226Q Datasheet HTML 8Page - STMicroelectronics L6226Q Datasheet HTML 9Page - STMicroelectronics L6226Q Datasheet HTML 10Page - STMicroelectronics L6226Q Datasheet HTML 11Page - STMicroelectronics L6226Q Datasheet HTML 12Page - STMicroelectronics L6226Q Datasheet HTML 13Page - STMicroelectronics L6226Q Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Circuit description
L6226Q
10/28
4.2
Logic inputs
Pins IN1A, IN2A, IN1B, IN2B, ENA and ENB are TTL/CMOS and microcontroller compatible
logic inputs. The internal structure is shown in Figure 4. Typical value for turn-on and turn-off
thresholds are respectively Vthon = 1.8 V and Vthoff = 1.3 V.
Pins ENA and ENB are commonly used to implement overcurrent and thermal protection by
connecting them respectively to the outputs OCDA and OCDB, which are open-drain
outputs. If that type of connection is chosen, some care needs to be taken in driving these
pins. Two configurations are shown in Figure 5 and Figure 6. If driven by an open drain
(collector) structure, a pull-up resistor REN and a capacitor CEN are connected as shown in
Figure 5. If the driver is a standard push-pull structure the resistor REN and the capacitor
CEN are connected as shown in Figure 6. The resistor REN should be chosen in the range
from 2.2 k
Ω to 180 kΩ. Recommended values for R
EN and CEN are respectively 100 kΩ and
5.6 nF. More information on selecting the values is found in the overcurrent protection
section.
Figure 4.
Logic inputs internal structure
Figure 5.
ENA and ENB pins open collector driving
Figure 6.
ENA and ENB pins push-pull driving
5V
D01IN1329
ESD
PROTECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com