Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6258EP Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6258EP
Description  PWM controlled high current DMOS universal motor driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258EP Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6258EP_07 Datasheet HTML 10Page - STMicroelectronics L6258EP_07 Datasheet HTML 11Page - STMicroelectronics L6258EP_07 Datasheet HTML 12Page - STMicroelectronics L6258EP_07 Datasheet HTML 13Page - STMicroelectronics L6258EP_07 Datasheet HTML 14Page - STMicroelectronics L6258EP_07 Datasheet HTML 15Page - STMicroelectronics L6258EP_07 Datasheet HTML 16Page - STMicroelectronics L6258EP_07 Datasheet HTML 17Page - STMicroelectronics L6258EP_07 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Functional description
L6258EP
14/32
2.6
Current control loop
The current control loop is a transconductance amplifier working in PWM mode.
The motor current is a function of the programmed DAC voltage.
To keep under control the output current, the current control modulates the duty cycle of the
two outputs OUT_A and OUT_B, and a sensing resistor Rs is connected in series with the
motor winding in order to produce a voltage feedback compared with the programmed
voltage of the DAC.
The duty cycle modulation of the two outputs is generated comparing the voltage at the
outputs of the error amplifier, with the two triangular wave references.
In order to drive the output bridge with the duty cycle modulation explained before, the
signals driving each output (OUTA & OUTB) are generated by the use of the two
comparators having as reference two triangular wave signals Tri_0 and Tri_180 of the same
amplitude, the same average value (in our case Vr), but with a 180° of phase shift each
other.
The two triangular wave references are respectively applied to the inverting input of the first
comparator and to the non inverting input of the second comparator.
The other two inputs of the comparators are connected together to the error amplifier output
voltage resulting by the difference between the programmed DAC. The reset of the
comparison between the mentioned signals is shown in Figure 5.
Figure 5.
Output comparator waveforms
In the case of VDAC equal to zero, the transconductance loop is balanced at the value of Vr,
so the outputs of the two comparators are signals having the same phase and 50% of duty
cycle.
As we have already mentioned, in this situation, the two outputs OUT_A and OUT_B are
simultaneously driven from Vs to ground; and the differential voltage across the load in this
case is zero and no current flows in the motor winding.
Tri_0
Tri_180
Error Ampl.
Output
First Comp.
Output
Second Comp.
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com