Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6585D Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6585D
Description  Combo IC for PFC and ballast control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6585D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6585D Datasheet HTML 5Page - STMicroelectronics L6585D Datasheet HTML 6Page - STMicroelectronics L6585D Datasheet HTML 7Page - STMicroelectronics L6585D Datasheet HTML 8Page - STMicroelectronics L6585D Datasheet HTML 9Page - STMicroelectronics L6585D Datasheet HTML 10Page - STMicroelectronics L6585D Datasheet HTML 11Page - STMicroelectronics L6585D Datasheet HTML 12Page - STMicroelectronics L6585D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
L6585D
Electrical characteristics
9/25
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit
CTR pin
DIS
CTR
Disable threshold
Falling edge
0.75
V
Hysteresys
120
mV
PFOV
CTR
Dynamic PFC
overvoltage
Rising edge
3.4
V
Hysteresys
140
mV
CTR
Available range as
tracking reference
Lower threshold (falling)
1.7
V
Hysteresys
0.12
Higher threshold (rising)
3.4
V
Hysteresys
0.14
PFC section – current sense comparator
ICS
PFCS
Input bias current
VCS = 0
-1
µA
tLEB
PFCS
Leading edge blanking
(2)
100
200
300
ns
VCSdis
PFCS
IC disable level
1.65
1.75
1.85
V
td(H-L)
PFCS
Delay to output
120
ns
VCSclamp
PFCS
Current sense reference
clamp
VCOMP = Upper clamp
1.0
1.08
1.16
V
PFC section – zero current detector
VZCDH
ZCD
Upper clamp voltage
IZCD = 2.5 mA
5
V
VZCDL
ZCD
Lower clamp voltage
IZCD = -2.5 mA
-0.3
0
0.3
V
VZCDA
ZCD
Arming voltage
(positive-going edge)
(2)
1.4
V
VZCDT
ZCD
Triggering voltage
(negative-going edge)
(2)
0.7
V
IZCDb
ZCD
Input bias current
VZCD = 1 to 4.5 V
1
µA
IZCDsrc
ZCD
Source current capability
-4
mA
IZCDsnk
ZCD
Sink current capability
4
mA
PFC section – gate driver
PFG
Output high/low
ISINK = 10mA
0.2
V
ISOURCE = 10mA
14.5
V
tf
PFG
Fall time
40
90
ns
tr
PFG
Rise time
90
140
ns
ISINK
PFG
Peak sink current
475
600
mA
ISOURCE
PFG
Peak source current
200
300
mA
PFG
Pull-down resistor
10
k
Ω
Table 4.
Electrical characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com